Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 80Page - Renesas Technology Corp 7220 Datasheet HTML 81Page - Renesas Technology Corp 7220 Datasheet HTML 82Page - Renesas Technology Corp 7220 Datasheet HTML 83Page - Renesas Technology Corp 7220 Datasheet HTML 84Page - Renesas Technology Corp 7220 Datasheet HTML 85Page - Renesas Technology Corp 7220 Datasheet HTML 86Page - Renesas Technology Corp 7220 Datasheet HTML 87Page - Renesas Technology Corp 7220 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 303 page
background image
2-57
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.8 Multi-master I2C-BUS interface
Fig. 2.8.8 I2C status register
b7 b6 b5 b4 b3 b2 b1 b0
I2C status register (S1) [Address 00D916]
I2C Status Register
0
3
4
5
6, 7
b7 b6
0
0 : Slave recieve mode
0
1 : Slave transmit mode
1
0 : Master recieve mode
1
1 : Master transmit mode
1
2
0
0
0
1
0
B
Name
Functions
After reset RW
Communication mode
specification bits
(TRX, MST)
0 : Bus free
1 : Bus busy
Bus busy flag (BB)
0 : Interrupt request issued
1 : No interrupt request issued
I2C-BUS interface interrupt
request bit (PIN)
0 : Not detected
1 : Detected
Arbitration lost detecting flag
(AL) (See note)
0 : Address mismatch
1 : Address match
Slave address comparison
flag (AAS) (See note)
0 : No general call detected
1 : General call detected
General call detecting flag
(AD0) (See note)
0 : Last bit = “0 ”
1 : Last bit = “1 ”
Last receive bit (LRB)
(See note)
Note : These bits and flags can be read out, but cannnot be written.
Indeterminate R—
R—
R—
R—
RW
RW
0
RW
SCL
PIN
IICIRQ
s Bit 7: Communication mode specification bit (master/slave specification bit: MST)
This bit is used for master/slave specification for data communication. When this bit is “0,” the
slave is specified, so that a START condition and a STOP condition generated by the master are
received, and data communication is performed in synchronization with the clock generated by the
master. When this bit is “1,” the master is specified and a START condition and a STOP condition
are generated, and also the clocks required for data communication are generated on the SCL.
The MST bit is cleared to “0” in one of the following conditions.
• Immediately after completion of 1-byte data transmission when arbitration lost is detected
• When a STOP condition is detected.
• When occurrence of a START condition is disabled by the START condition duplication preventing
function (Note).
• At reset
Figure 2.8.7 shows the interrupt request signal generating timing, Figure 2.8.8 shows the I2C status
register.
Note: The START condition duplication prevention function disables the START condition generation,
reset of bit counter reset, and SCL output when the following condition is satisfied:
a START condition is set by another master device.
Fig. 2.8.7 Interrupt request signal generating timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com