Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 92Page - Renesas Technology Corp 7220 Datasheet HTML 93Page - Renesas Technology Corp 7220 Datasheet HTML 94Page - Renesas Technology Corp 7220 Datasheet HTML 95Page - Renesas Technology Corp 7220 Datasheet HTML 96Page - Renesas Technology Corp 7220 Datasheet HTML 97Page - Renesas Technology Corp 7220 Datasheet HTML 98Page - Renesas Technology Corp 7220 Datasheet HTML 99Page - Renesas Technology Corp 7220 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 303 page
background image
2-69
7220 Group User’s Manual
2.10 PWM
2.10.4 14-bit PWM output control
How to control the 14-bit PWM output is described below.
Œ Set “0” to bit 0 of PWM output control register 1 (address 00D516) to supply the PWM count source (this
bit is cleared to “0” when reset).
 Set the high-order 8 bits of the output data to the DA-H register.
Ž Set the low-order 6 bits of the output data to the DA-L register.
 Data is written to the 14-bit PWM circuit by writing data to the DA-L register.
For this reason, even when changing only the high-order 8 bits of the output data, be sure to write the
low-order 6 bits data to the DA-L register again.
Conversely, when changing low-order 6 bits only, it needs to only write data to the DA-L register, and
needs not write the high-order 8-bit data again.
 Select the output polarity by bit 2 of PWM output control register 2 (address 00D616). When setting to
“0,” a positive polarity is selected; when “1,” a negative polarity is selected.
‘ 14-bit PWM is output from the D-A pin by clearing bit 1 of PWM output control register 1 to “0.” When
setting to “1,” pin D-A functions as a 1-bit general-purpose output port. In this case, it is possible to
specify either HIGH output (= “1”) or LOW output(= “0”) output by bit 4 of PWM output control register
2.
Fig. 2.10.6 PWM output control register 1 (address 00D516)
b7 b6 b5 b4 b3 b2 b1 b0
PWM output control register 1 (PW) [Address 00D5
B
After reset RW
PWM Output Control Register 1
0
1
2
3
4
0
Name
Functions
DA, PWM count source
selection bit (PW0)
0 : Count source supply
1 : Count source stop
P00/PWM0 output
selection bit (PW2)
0: P00 output
1: PWM0 output
P01/PWM1 output
selection bit (PW3)
0: P01 output
1: PWM1 output
P02/PWM2 output
selection bit (PW4)
0: P02 output
1: PWM2 output
5
P03/PWM3 output
selection bit (PW5)
0: P03 output
1: PWM3 output
6
P04/PWM4 output
selection bit (PW6)
0: P04 output
1: PWM4 output
DA/PN4 output
selection bit (PW1)
0 : DA output
1 : PN4 output
7
P05/PWM5 output
selection bit (PW7)
0: P05 output
1: PWM5 output
0
0
0
0
0
0
0
16
]
RW
RW
RW
RW
RW
RW
RW
RW
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com