Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 68Page - Renesas Technology Corp 7220 Datasheet HTML 69Page - Renesas Technology Corp 7220 Datasheet HTML 70Page - Renesas Technology Corp 7220 Datasheet HTML 71Page - Renesas Technology Corp 7220 Datasheet HTML 72Page - Renesas Technology Corp 7220 Datasheet HTML 73Page - Renesas Technology Corp 7220 Datasheet HTML 74Page - Renesas Technology Corp 7220 Datasheet HTML 75Page - Renesas Technology Corp 7220 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 303 page
background image
2-45
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.7 Serial I/O
Fig. 2.7.6 Timing diagram of serial I/O
2.7.7 Note when selecting a synchronous clock
Regardless of either an internal or external clock is selected as the serial I/O synchronous clock source,
the interrupt request bit is set to “1” after 8 transfer clocks.
However, the serial I/O register contents will continue to be shifted as long as the transfer clock is being
input to the serial I/O circuit, so it is necessary to stop after 8 transfer clocks.
When an internal clock is selected, the transfer clock stops automatically after 8 clocks.
When an external clock is selected, control the transfer clock externally. Moreover, use an external clock
of 1 MHz or less with a duty cycle of 50 %.
When selecting an external clock as the synchronizing clock, write transmit data to the serial I/O register
transfer clock input level is HIGH
Figure 2.7.6 shows the serial I/O timing.
D0
Synchronous clock
Transfer clock
Serial I/O register
writing signal
Serial I/O output
SOUT
Serial I/O input
SIN
Interrupt request bit is set to “1”
D1
D2
D3
D4
D5
D6
D7
Note: When an internal clock is selected, pin SOUT is at high-impedance after transfer is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com