Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 67Page - Renesas Technology Corp 7220 Datasheet HTML 68Page - Renesas Technology Corp 7220 Datasheet HTML 69Page - Renesas Technology Corp 7220 Datasheet HTML 70Page - Renesas Technology Corp 7220 Datasheet HTML 71Page - Renesas Technology Corp 7220 Datasheet HTML 72Page - Renesas Technology Corp 7220 Datasheet HTML 73Page - Renesas Technology Corp 7220 Datasheet HTML 74Page - Renesas Technology Corp 7220 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 303 page
background image
2-44
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.7 Serial I/O
Fig. 2.7.5 Serial I/O register when transmitting (when SM5 = “0”)
2.7.6 Serial I/O data transmit method (when an external clock is selected)
(1)
Initialization
First, set the serial I/O mode register (address 00DC16) as follows.
Œ Select the synchronous clock (SM2 = “0”).
 Set P20 as pin SCLK (SM3 = “1”). Since the serial I/O port selection bit (SM3) is also used for the
setting pin SOUT, port P21 is automatically becomes the S OUT pin.
Note: It is not necessary to set pin P22/SIN as pin SIN when transmitting. It can be used as general-
purpose input pin.
(2)
Transmit enable state
When transmit data are written to the serial I/O register, the serial I/O counter is set to “0716” and
transmit is enabled.
(3)
Transmit operation
When transmit is enabled (the serial I/O counter value = “0716”), simultaneously, the data of the serial
I/O register is transmitted from pin P21/SOUT in synchronization with a falling edge of the transfer
clock.
Transmission is performed according to bit 5 (SM5) of the serial I/O mode register:
Œ When SM5 is set to “0,” data is transmitted from LSB (bit 0) of the register and shifted to the right
(to low-order bit) every time new data is transmitted.
 When SM5 is set to “1,” data is transmitted from MSB (bit 7) of the register and shifted to the left
(to high-order bit) every time new data is transmitted.
When all 8-bit data have been transmitted, the serial I/O interrupt request bit (bit 2) of the interrupt
request register 2 (address 00FD 16) is set to “1.”
Pin P21/SOUT will be in after transmit operation has been completed.
Note: On programming, note that the serial I/O counter is set even by writing to the serial I/O register
with bit management instructions, such as SEB and CLB.
D7
D2
D1
D0
Transfer clock
Serial I/O register
MSB
LSB
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1
D7 D6 D5 D4 D3 D2
D7 D6 D5 D4
D3
When transmitting
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com