Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 79Page - Renesas Technology Corp 7220 Datasheet HTML 80Page - Renesas Technology Corp 7220 Datasheet HTML 81Page - Renesas Technology Corp 7220 Datasheet HTML 82Page - Renesas Technology Corp 7220 Datasheet HTML 83Page - Renesas Technology Corp 7220 Datasheet HTML 84Page - Renesas Technology Corp 7220 Datasheet HTML 85Page - Renesas Technology Corp 7220 Datasheet HTML 86Page - Renesas Technology Corp 7220 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 303 page
background image
2-56
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.8 Multi-master I2C-BUS interface
s Bit 4: I2C-BUS interface interrupt request bit (PIN)
This bit generates an interrupt request signal. Each time 1-byte data is transmitted, the state of
the PIN bit changes from “1” to “0.” At the same time, an interrupt request signal is sent to the
CPU. The PIN bit is set to “0” in synchronization with a falling edge of the last clock (including the
ACK clock) of an internal clock and an interrupt request signal occurs in synchronization with a
falling edge of the PIN bit. When the PIN bit is “0,” the SCL is kept in the “0” state and clock
generation is disabled. Figure 2.8.7 shows an interrupt request signal generating timing chart.
The PIN bit is set to “1” in any one of the following conditions.
• Executing a write instruction to the I2C data shift register (address 00D716).
• When the ESO bit is “0”
• At reset
The conditions in which the PIN bit is set to “0” are shown below:
• Immediately after completion of 1-byte data transmission (including when arbitration lost is detected)
• Immediately after completion of 1-byte data reception
• In the slave reception mode, with ALS = “0” and immediately after completion of slave address
or general call address reception
• In the slave reception mode, with ALS = “1” and immediately after completion of address data
reception
s Bit 5: Bus busy flag (BB)
This bit indicates the status of use of the bus system. When this bit is set to “0,” this bus system
is not busy and a START condition can be generated. When this bit is set to “1,” this bus system
is busy and the occurrence of a START condition is disabled by the START condition duplication
prevention function (Note).
This flag can be written by software only in the master transmission mode. In the other modes, this
bit is set to “1” by detecting a START condition and set to “0” by detecting a STOP condition. When
the ESO bit of the I2C control register (address 00DA16) is “0” and at reset, the BB flag is kept in
the “0” state.
s Bit 6: Communication mode specification bit (transfer direction specification bit: TRX)
This bit decides the direction of transfer for data communication. When this bit is “0,” the reception
mode is selected and the data of a transmitting device is received. When the bit is “1,” the
transmission mode is selected and address data and control data are output into the SDA in
synchronization with the clock generated on the SCL.
When the ALS bit of the I2C control register (address 00F916) is “0” in the slave reception mode
is selected, the TRX bit is set to “1” (transmit) if the least significant bit (R/W bit) of the address
data transmitted by the master is “1.” When the ALS bit is “0” and the R/W bit is “0,” the TRX bit
is cleared to “0” (receive).
The TRX bit is cleared to “0” in one of the following conditions.
• When arbitration lost is detected.
• When a STOP condition is detected.
• When occurrence of a START condition is disabled by the START condition duplication prevention
function (Note).
• With MST = “0” and when a START condition is detected.
• With MST = “0” and when ACK non-return is detected.
• At reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com