Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 58Page - Renesas Technology Corp 7220 Datasheet HTML 59Page - Renesas Technology Corp 7220 Datasheet HTML 60Page - Renesas Technology Corp 7220 Datasheet HTML 61Page - Renesas Technology Corp 7220 Datasheet HTML 62Page - Renesas Technology Corp 7220 Datasheet HTML 63Page - Renesas Technology Corp 7220 Datasheet HTML 64Page - Renesas Technology Corp 7220 Datasheet HTML 65Page - Renesas Technology Corp 7220 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 303 page
background image
2-35
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.6 Timers
2.6.1 Timer functions
There are four timers; Timer 1, Timer 2, Timer 3, Timer 4 and each timer has an 8-bit reload latch. All
timers are the count-down type, and when the timer latch value is “n”, the divide ratio is 1/(n+1)(“n” = 0
to 255). When the valve “n” is written to reload latch, is also set “n” to its timer, simultaneously.
Timer value is counted down each rising edge of count source. The timer overflows at the count next pulse,
after the count value reaches “0016,” and the interrupt request occurs. At the same time of timer overflow,
the reload latch value “n” is set (reload) to timer, and timer continues to count down. The divide ratio is
1/(n+1). Make sure that set “n” in the range “0016” to “FF16.”
Count source
Timer
Overflow signal
Interrupt request
Writing Value
nn16
nn16-1
0016
0116
nn16-1
nn16
Fig. 2.6.2 Timer overflow timing
(1)
Timer 1
Timer 1 can select one of the following count sources:
q f(XIN)/16
q f(XIN)/4096
(This is a clock by f(XIN)/4096 interrupt and is valid only when PWM count source is supplied.)
The count source of timer 1 is selected by setting bit 0 of the timer 12 mode register (address
00F416).
Timer 1 interrupt request occurs at timer 1 overflow.
(2)
Timer 2
Timer 2 can select one of the following count sources:
q f(XIN)/16
q Timer 1 overflow signal
q External clock from pin P24/TIM2
The count source of timer 2 is selected by setting bits 4 and 1 of the timer 12 mode register (address
00F416). When timer 1 overflow signal is a count source for timer 2, timer 1 functions as an 8-bit
prescaler.
Timer 2 interrupt request occurs at timer 2 overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com