Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 17Page - Renesas Technology Corp 7220 Datasheet HTML 18Page - Renesas Technology Corp 7220 Datasheet HTML 19Page - Renesas Technology Corp 7220 Datasheet HTML 20Page - Renesas Technology Corp 7220 Datasheet HTML 21Page - Renesas Technology Corp 7220 Datasheet HTML 22Page - Renesas Technology Corp 7220 Datasheet HTML 23Page - Renesas Technology Corp 7220 Datasheet HTML 24Page - Renesas Technology Corp 7220 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 303 page
background image
OVERVIEW
1-3
7220 Group User’s Manual
71
0.5
µs (the minimum instruction execution time, at 8
MHz oscillation frequency)
8 MHz (maximum)
ROM
16 K bytes
RAM
320 bytes
ROM
24 K bytes
RAM
384 bytes
ROM
32 K bytes
RAM
512 bytes
ROM
40 K bytes
RAM
640 bytes
8 K bytes
96 bytes
8-bit ! 1 (N-channel open-drain output structure, can be
used as PWM output pins, INT input pins, A-D input pin)
4-bit ! 1 (CMOS input/output structure, can be used as
CRT output pin, A-D input pins, INT input pin)
4-bit ! 1 (CMOS input/output structure, can be used as
multi-master I2C-BUS interface)
2-bit ! 1 (CMOS input/output or N-channel open-drain
output structure, can be used as serial I/O pins)
6-bit ! 1 (CMOS input/output structure, can be used as
serial input pin, external clock input pins)
2-bit ! 1 (CMOS input/output or N-channel open-drain
output structure, can be used as A-D input pins)
1-bit ! 1 (N-channel open-drain output structure)
2-bit ! 1 (can be used as CRT display clock I/O pins)
4-bit ! 1 (CMOS output structure, can be used as CRT
output pins)
8-bit ! 1
1 (2 systems)
6 channels (6-bit resolution)
14-bit ! 1, 8-bit ! 6
8-bit timer ! 4
32 bytes ! 2
Number of basic instructions
Instruction execution time
Clock frequency
Memory size
Input/Output ports
Serial I/O
Multi-master I2C-BUS interface
A-D comparator
PWM output circuit
Timers
ROM correction function (See note)
The performance overview is shown in Table 1.1.1.
M37220M3-XXXSP/FP
Refer to “CHAPTER 4. M37220M3-XXXSP/FP.”
Table 1.1.1 Performance overview (1)
1.1 Performance overview
Parameter
Performance
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Input
Output
M37221M4-XXXSP
M37221M6-XXXSP/FP
M37221M8-XXXSP
M37221MA-XXXSP
CRT ROM
CRT RAM
P00–P07
P10, P15–P17
P11–P14
P20, P21
P22–P27
P30, P31
P32
P33, P34
P52–P55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com