Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 40Page - Renesas Technology Corp 7220 Datasheet HTML 41Page - Renesas Technology Corp 7220 Datasheet HTML 42Page - Renesas Technology Corp 7220 Datasheet HTML 43Page - Renesas Technology Corp 7220 Datasheet HTML 44Page - Renesas Technology Corp 7220 Datasheet HTML 45Page - Renesas Technology Corp 7220 Datasheet HTML 46Page - Renesas Technology Corp 7220 Datasheet HTML 47Page - Renesas Technology Corp 7220 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 303 page
background image
2-17
7220 Group User’s Manual
2.3 Memory assignment
FUNCTIONAL DESCRIPTION
2.3.3 DA registers (addresses 00CE16 and 00CF16)
The DA-H register is assigned to address 00CE16, and the DA-L register is assigned to address 00CF16
.
Both registers consist of 8 bits.
The DA-H register is used to set the high-order 8 bits of 14-bit PWM output data. The DA-L register is used
to set the low-order 6 bits of 14-bit PWM output data (set to bits 0 to 5). Bits 7 is not used.
2.3.4 PWM registers (addresses 00D016 to 00D416 and 00F616)
The PWM0 to PWM4 registers are assigned to addresses 00D016 to 00D416 and PWM5 register is
address 00F616. All registers consist of 8 bits.
These registers are used to set the output data corresponding to six 8-bit PWM (PWM0–PWM5).
2.3.5 PWM output control registers (addresses 00D516 and 00D616)
The PWM output control register 1 is assigned to address 00D516 and the PWM output control register 2
is assigned to address 00D616.
Both registers consist of 8 bits, and used to select the PWM count source etc. The high-order 3 bits and
the low-order 2 bits of the PWM output control register 2 are not used.
2.3.6 Multi-master I2C-BUS related registers (addresses 00D716 to 00DB16)
The I2C data shift register, the I2C address register, the I2C status register, I2C control register and the I2C
clock control register are assigned to addresses 00D716, 00D816, 00D916, 00DA16 and 00DB16 respectively.
All registers consist of 8 bits.
The I2C data shift register is a 8-bit shift register to store receive data and write transmit data.
The I2C address register consists of a 7-bit slave address and a read/write bit.
The I2C status register controls the I2C-BUS interface status. The low-order 4 bits are read-only bits and
the high-order 4 bits can be read out and written to.
The I2C control register controls data communication format.
The I2C clock control register is used to set ACK control, SCL mode and SCL frequency.
2.3.7 Serial I/O related registers (addresses 00DC16 and 00DD16)
The serial I/O mode register is assigned to address 00DC16 and the serial I/O register is assigned to
address 00DD16. Both registers consist of 8 bits.
The serial I/O mode register is used to select the synchronous clock and the serial I/O port function by its
low-order 4 bits. Bit 5 selects the transfer direction, and bit 6 selects the serial data input pin. Bit 4 is set
to “0.” Bit 7 is not used.
The serial I/O register is used to write transfer data.
2.3.8 CRT display related registers (addresses 00E016 to 00EC16)
(1)
Horizontal position register (address 00E016)
The horizontal position register is assigned to address 00E016. This register consists of 8 bits, and
is used to specify the horizontal position of CRT display. Bits 7 and 6 are not used.
(2)
Vertical display position registers (addresses 00E116 and 00E216)
The vertical display position register 1 is assigned to address 00E116 and the vertical display position
register 2 is assigned to address 00E216. These registers are corresponded to blocks 1 and 2, and
used to set the vertical position to start display. Bit 7 of each register is not used.
(3)
Character size register (address 00E416)
The character size register is assigned to address 00E416. This register consists of 8 bits, and is used
to specify one of the three sizes of display characters. Bits 4 to 7 are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com