Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 27Page - Renesas Technology Corp 7220 Datasheet HTML 28Page - Renesas Technology Corp 7220 Datasheet HTML 29Page - Renesas Technology Corp 7220 Datasheet HTML 30Page - Renesas Technology Corp 7220 Datasheet HTML 31Page - Renesas Technology Corp 7220 Datasheet HTML 32Page - Renesas Technology Corp 7220 Datasheet HTML 33Page - Renesas Technology Corp 7220 Datasheet HTML 34Page - Renesas Technology Corp 7220 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 303 page
background image
2-4
FUNCTIONAL DESCRIPTION
2.1 Central processing unit
7220 Group User’s Manual
Storing of the processor status register in items  and ‘ above is not performed during a subroutine call.
Execute the PHP instruction in a program to push the processor status register onto a stack.
To prevent data from losing during interrupts and subroutine calls, push the other registers onto a stack
by software as described above.
For example, execute the PHA instruction to push the accumulator contents onto a stack. Executing the
PHA instruction stores the accumulator contents at an address indicated as below:
• The high-order 8 bits are the stack area value (“0016” or “0116”).
• The low-order 8 bits are the stack pointer contents.
The stack pointer contents are then decremented by 1.
Execute the RTI instruction to return from an interrupt routine.
When the RTI instruction is executed, the processing is performed automatically in the following sequence
(refer to “Figure 2.1.3”).
Œ The stack pointer contents are incremented by 1.
 The contents at the address indicated as below are restored to the processor status register.
• The high-order 8 bits are the stack area value (“0016” or “0116”).
• The low-order 8 bits are the stack pointer contents.
Ž The stack pointer contents are incremented by 1.
 The contents at the address indicated as below are restored to low-order 8 bits of the program counter
(PCL).
• The high-order 8 bits are the stack area value (“0016” or “0116”).
• The low-order 8 bits are the stack pointer contents.
 The stack pointer contents are incremented by 1.
‘ The contents at the address indicated as below are restored to high-order 8 bits of the program counter
(PCH).
• The high-order 8 bits are the stack area value (“0016” or “0116”).
• The low-order 8 bits are the stack pointer contents.
Restoring of the processor status register in items Œ and  above is not performed in this case. Execute
the RTS instruction to return from a subroutine.
Execute the PLP instruction and PLA instruction to restore the processor status register and the accumulator,
respectively.
Executing the PLP (PLA) instruction increments the stack pointer by 1 and restores the contents at the
address indicated as below to the processor status register.
• The high-order 8 bits are the stack area value (“0016” or “0116”).
• The low-order 8 bits are the stack pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com