Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 56Page - Renesas Technology Corp 7220 Datasheet HTML 57Page - Renesas Technology Corp 7220 Datasheet HTML 58Page - Renesas Technology Corp 7220 Datasheet HTML 59Page - Renesas Technology Corp 7220 Datasheet HTML 60Page - Renesas Technology Corp 7220 Datasheet HTML 61Page - Renesas Technology Corp 7220 Datasheet HTML 62Page - Renesas Technology Corp 7220 Datasheet HTML 63Page - Renesas Technology Corp 7220 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 303 page
background image
2-33
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.5 Interrupts
FFF016
FFF116
FFF216
FFF316
FFF416
FFF516
FFF616
FFF716
FFF816
FFF916
FFFA16
FFFB16
FFFC16
FFFD16
FFFE16
FFFF16
H
L
H
L
H
L
H
L
H
L
H
L
H
L
VSYNC interrupt
f(XIN)/4096 interrupt
Timer 4 interrupt
INT1 interrupt
INT2 interrupt
CRT interrupt
Reset
Interrupt Vector Table
FFDE16
FFDF16
FFE016
FFE516
FFE816
FFE916
FFEA16
FFEB16
FFEC16
FFED16
FFEE16
FFEF16
H
L
H
L
H
L
H
L
H
L
BRK instruction interrupt
Internal ROM area
Serial I/O interrupt
Timer 1 interrupt
Timer 3 interrupt
Timer 2 interrupt
Internal ROM area
Internal ROM area
The low-order 8 bits and the high-order 8 bits of jump destination address
when an interrupt occurs, are stored to addresses “L” and “H” respectively.
FFE416
H
L
INT3 interrupt
FFE616
FFE716
H
L
Multi-master I C-BUS
interface interrupt
2
Interrupt request bits are set to “1” by occurrence of an interrupt request, even if the interrupt is disabled.
Therefore, to disable interrupt processing, clear the interrupt request bit to “0” immediately before the
interrupt disable state is cancelled (interrupt enable state, i.e., the interrupt enable bit = “1” and the interrupt
disable flag = “0”).
TM4E
TM1E
IT2E
TM3E
IT1E
VSCE
MSE
S1E
TM2E
Reset
CRTE
RESET
Interrupt
request bit
Interrupt
enable bit
Interrupt
disable flag (I)
Interrupt
vector
CRTR
TM4R
TM1R
IT2R
TM3R
IT1R
VSCR
MSR
S1R
TM2R
FFE916, FFE816
FFEB16, FFEA16
FFED16, FFEC16
FFEF16, FFEE16
FFF116, FFF016
FFF316, FFF216
FFF516, FFF416
FFF916, FFF816
FFFB16, FFFA16
FFFD16, FFFC16
FFFF16, FFFE16
FFDF16, FFDE16
BRK
Note:
indicates to operate together.
IICE
IT3E
IICR
IT3R
FFE516, FFE416
FFE716, FFE616
CRT interrupt
INT2 interrupt
INT1 interrupt
Timer 4 interrupt
f(XIN)/4096 interrupt
VSYNC interrupt
Timer 3 interrupt
Timer 2 interrupt
Timer 1 interrupt
Serial I/O interrupt
Multi-master I2C-BUS interface interrupt
INT3 interrupt
BRK instruction interrupt
Fig. 2.5.10 Interrupt vector table
Fig. 2.5.9 Interrupt control system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com