Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 93Page - Renesas Technology Corp 7220 Datasheet HTML 94Page - Renesas Technology Corp 7220 Datasheet HTML 95Page - Renesas Technology Corp 7220 Datasheet HTML 96Page - Renesas Technology Corp 7220 Datasheet HTML 97Page - Renesas Technology Corp 7220 Datasheet HTML 98Page - Renesas Technology Corp 7220 Datasheet HTML 99Page - Renesas Technology Corp 7220 Datasheet HTML 100Page - Renesas Technology Corp 7220 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 303 page
background image
2-70
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.10 PWM
2.10.5 8-bit PWM output control
How to control the 8-bit PWM output is described below.
The PWM0–PWM7 output pins are also used for port P00–P03 and P60–P63.
Œ Set “0” to bit 0 of the PWM output control register 1 (address 00D516) to supply the PWM count source
(this bit is cleared to “0” after reset).
 Write output data to the corresponding 8-bit PWM registers (addresses 00D016 to 00D416 and 00F616).
Ž Set the corresponding bit of the port P0 direction register to “1” to specify the output mode.
 Select the output polarity by bit 3 of the PWM output control register 2 (address 00D616). When this bit
is cleared to “0,” a positive polarity is selected; when set to “1,” a negative polarity is selected.
 By setting “1” to the corresponding bits among bits 2 to 7 of the PWM output control register 1, the pins
are given the PWM output function to output the PWM. When clearing to “0,” the pins become general-
purpose ports (ports P00–P05).
b7 b6 b5 b4 b3 b2 b1 b0
PWM output control register 2 (PN) [Address 00D6
B
After reset RW
PWM Output Control Register 2
0, 1
2
3
4
0
Name
Functions
DA output polarity
selection bit (PN3)
0 : Positive polarity
1 : Negative polarity
PWM output polarity
selection bit (PN4)
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
DA general-purpose
output bit (PN5)
0 : Output LOW
1 : Output HIGH
5
to
7
0
0
0
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0 : Positive polarity
1 : Negative polarity
16
]
R—
RW
RW
RW
R—
Fig. 2.10.7 PWM output control register 2 (address 00D616)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com