Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 97Page - Renesas Technology Corp 7220 Datasheet HTML 98Page - Renesas Technology Corp 7220 Datasheet HTML 99Page - Renesas Technology Corp 7220 Datasheet HTML 100Page - Renesas Technology Corp 7220 Datasheet HTML 101Page - Renesas Technology Corp 7220 Datasheet HTML 102Page - Renesas Technology Corp 7220 Datasheet HTML 103Page - Renesas Technology Corp 7220 Datasheet HTML 104Page - Renesas Technology Corp 7220 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 303 page
background image
2-74
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
2.11.1 Display position
The display positions of characters are specified in units called a “block”. There are 2 blocks, block 1 and
block 2. Up to 24 characters can be displayed in 1 block (refer to “2.11.3 Memory for display”).
The display position of each block in both horizontal and vertical directions can be set by software.
The horizontal direction is common to all blocks, and is selected from 64-step display positions in units of
4 TC (TC = oscillation cycle for display).
The display position in the vertical direction is selected from 128-step display positions for each block in
units of 4 scanning lines. The display position in the vertical direction is determined by counting the
horizontal sync signal (HSYNC).
At this time, it starts to count the rising edge (falling edgeV) of HSYNC signal from after about 1 machine cycle
of rising edge (falling edgeV) of VSYNC signal. So interval from rising edge (falling edge ) of HSYNC signal
needs enough time (2 machine cycles or more) for avoiding jitter.
V:The polarity of HSYNC and VSYNC signals can select by the CRT port control register (address 00EC16).
When clearing corresponding bits to “0,” positive polarity is selected, when setting to “1,” negative
polarity is selected. Refer to “2.11.7 CRT output pin control” for detail.
Fig. 2.11.4 Count method of synchronous signal
When bits 0 and 1 of the CRT port control register (address 00EC16)
are set to “1” (negative polarity)
Note 1: The vertical position is determined by counting falling
edge of HSYNC signal after rising edge of VSYNC control
signal in the microcomputer.
2: At f(XIN) = 8 MHz
3: Do not generate falling edge of HSYNC signal near rising edge
SYNC
control signal in microcomputer to avoid jitter.
4: Pulse width of VSYNC and of HSYNC signals needs 8 machine
VSYNC signal input
VSYNC control signal
in microcomputer
Period of counting
HSYNC signal
HSYNC signal input
0.125
µs to 0.25 µs (See note 2)
(See note 3)
1
234
5
Not count
↑
↑
↑
↑
↑
↑
8 machine cycles or more (See note 4)
8 machine cycles or more
(See note 4)
cycles or more.
of V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com