Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 98Page - Renesas Technology Corp 7220 Datasheet HTML 99Page - Renesas Technology Corp 7220 Datasheet HTML 100Page - Renesas Technology Corp 7220 Datasheet HTML 101Page - Renesas Technology Corp 7220 Datasheet HTML 102Page - Renesas Technology Corp 7220 Datasheet HTML 103Page - Renesas Technology Corp 7220 Datasheet HTML 104Page - Renesas Technology Corp 7220 Datasheet HTML 105Page - Renesas Technology Corp 7220 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 303 page
background image
2-75
7220 Group User’s Manual
2.11 CRT display function
The block 2 is displayed after the display of block 1 is completed (refer to “Figure 2.11.5 (a)”). Therefore,
set vertical display start position of block 2 to be lower than the display end position of block 1. The block
2 cannot display when the display position of block 2 is overlapped with the display position of block 1
(refer to “Figure 2.11.5 (b)”) or is higher than the display position of block 1 (refer to “Figure 2.11.5 (c)”).
Same as above, at the multiline display, the next block 1 cannot be displayed until the display of block 2
is completed. Therefore, set the display start position of the second and later block 1 to be lower than the
display position of the last block 2 (refer to “Figure 2.11.5 (d)”).
CV1
CV2
Block 2
(HR)
Block 1
Because the block 2 overlaps with
the block 1, the block 2 cannot be
displayed.
(b) Example when block 2 overlaps with block 1.
CV1
CV2
(HR)
Block 1
(a) Example when each block is separated.
Block 2
CV2
(c) Example when the block 2 is higher than the block 1.
CV1
CV2
(HR)
Because the block 2 is
higher than the block 1, the
block 2 cannot be displayed.
Block 1
CV1
(HR)
Because the block 1 overlaps
with the last display of block 2,
the block 1 cannot be displayed.
Block 1
(d) Example when the block 1 overlaps with the last
display of block 2 at the multiline display.
Block 1 (last display)
Block 2 (last display)
(last displayed)
Fig. 2.11.5 Display position
FUNCTIONAL DESCRIPTION
Block 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com