Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 100Page - Renesas Technology Corp 7220 Datasheet HTML 101Page - Renesas Technology Corp 7220 Datasheet HTML 102Page - Renesas Technology Corp 7220 Datasheet HTML 103Page - Renesas Technology Corp 7220 Datasheet HTML 104Page - Renesas Technology Corp 7220 Datasheet HTML 105Page - Renesas Technology Corp 7220 Datasheet HTML 106Page - Renesas Technology Corp 7220 Datasheet HTML 107Page - Renesas Technology Corp 7220 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 303 page
background image
2-77
7220 Group User’s Manual
2.11 CRT display function
Fig. 2.11.8 Character size register (address 00E416)
Note: The display start position in the horizontal direction is not affected by the character size. In other
words, the horizontal display start position is common to all blocks even when the character size
varies with each block (refer to “Figure 2.11.9”).
Fig. 2.11.9 Display start position (horizontal
direction) for each character size
2.11.2 Character size
The size of characters to be displayed can select from 3 sizes for each block. Set a character size by the
character size register (address 00E416).
The character size in block 1 can be specified by bits 0 and 1 of the character size register; the character
size in block 2 can be specified by bits 2 and 3. Figure 2.11.8 shows the character size register.
The character size can select three sizes: minimum
size, medium size, and large size. Each character
size is determined with the number of scanning lines
in the height (vertical) direction and the oscillation
cycle for display (= TC) in the width (horizontal)
direction.
The minimum size consists of [1 scanning line] ! [1
TC]; the medium size consists of [2 scanning lines]
! [2 TC]; and the large size consists of [3 scanning
lines] ! [3 TC]. Table 2.11.2 shows the relationship
between the set values in the character size register
and the character sizes.
Table 2.11.2 Relationship between set value in character size register and character sizes
Width (horizontal) direction
TC: oscillation cycle for display
1 TC
2 TC
3 TC
Height (vertical) direction
scanning lines
1 line
2 lines
3 lines
Set values in character size register
CSn1
0
0
1
1
CSn0
0
1
0
1
Minimum
Medium
Large
Character size
This is not available.
b7 b6 b5 b4 b3 b2 b1 b0
Character size register (CS) [Address 00E4 16]
B
Name
Functions
After reset
R W
Character Size Register
0, 1 Character size of block 1
selection bits
(CS10, CS11)
00 : Minimum size
01 : Medium size
10 : Large size
11 : Do not set.
Indeterminate
2,3
4
to
7
0
Character size of block 2
selection bits
(CS20,CS21)
00 : Minimum size
01 : Medium size
10 : Large size
11 : Do not set.
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
Indeterminate
RW
RW
R—
Minimum size
Medium size
Large size
Display start
position
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com