Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 104Page - Renesas Technology Corp 7220 Datasheet HTML 105Page - Renesas Technology Corp 7220 Datasheet HTML 106Page - Renesas Technology Corp 7220 Datasheet HTML 107Page - Renesas Technology Corp 7220 Datasheet HTML 108Page - Renesas Technology Corp 7220 Datasheet HTML 109Page - Renesas Technology Corp 7220 Datasheet HTML 110Page - Renesas Technology Corp 7220 Datasheet HTML 111Page - Renesas Technology Corp 7220 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 303 page
background image
2-81
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
Fig. 2.11.11 Structure of CRT display RAM
Figure 2.11.11 shows the structure of CRT display RAM.
[Color specification]
0 0 : Specifying color register 0
0 1 : Specifying color register 1
1 0 : Specifying color register 2
1 1 : Specifying color register 3
Color register specification
0
1
Block 1
[Character specification]
Specify 256 characters (“00 16” to “FF16”)
Character code
70
Block 2
[Character specification]
1st character : 0620 16
24th character : 0637 16
1st character : 0680 16
24th character : 0697 16
1st character : 0600 16
24th character : 0617 16
70
[Color specification]
1st character : 06A016
24th character : 06B7 16
0
1
to
to
to
to
Specify 256 characters (“00 16” to “FF16”)
Character code
0 0 : Specifying color register 0
0 1 : Specifying color register 1
1 0 : Specifying color register 2
1 1 : Specifying color register 3
Color register specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com