Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 106Page - Renesas Technology Corp 7220 Datasheet HTML 107Page - Renesas Technology Corp 7220 Datasheet HTML 108Page - Renesas Technology Corp 7220 Datasheet HTML 109Page - Renesas Technology Corp 7220 Datasheet HTML 110Page - Renesas Technology Corp 7220 Datasheet HTML 111Page - Renesas Technology Corp 7220 Datasheet HTML 112Page - Renesas Technology Corp 7220 Datasheet HTML 113Page - Renesas Technology Corp 7220 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 303 page
background image
2-83
7220 Group User’s Manual
2.11 CRT display function
Table 2.11.5 Display example of character background coloring (when green is set for a character
and blue is set for background color)
Border selection register
Color register
COn7 COn6 COn5 COn4 COn3 COn2 COn1
MD0
G output
B output
OUT1 output
Character output
OUT2 output
0
!
0
0
1
0
No output
Same output as
character A
Green
Video signal and character
color (green) are not mixed.
No output
(Note 2)
0
0
!
0
0
1
0
No output
Same output as
character A
Video signal and character
color (green) are not mixed.
Blank output
1
Green
No output
TV image of character
background is not displayed.
Blank output
Green
No output
(Note 2)
1
!
0
1
0
1
0
No output
Border output
(Black)
Video signal and character
color (green) are not mixed.
Green
No output
(Note 2)
01
0
0
1
0
00
1
TV image of character
background is not displayed.
Blank output
Green
01
0
1
0
00
No output
(Note 2)
Background
color
Blue
!
10
TV image of character
background is not displayed.
Green
1
010
Blank output
00
No output
(Note 2)
Black
No output
11
Green
No output
(Note 2)
1
010
TV image of character
background is not displayed.
Blank output
00
Border
output
(Black)
Background
color – border
Blue
Notes
5
= “0” and COn4 = “1,” there is output same as a character or border output from the OUT1 pin.
Do not set COn5 = “0” and COn4 = “0.”
2 :
1 :
When only COn7 = “1” and COn5 = “0,” there is output from the OUT2 pin.
3 :
4 :
5 :
! : 0 or 1
Border
output
(Black)
1
(Note 1)
1
FUNCTIONAL DESCRIPTION
When COn
The portion “A” in which character dots are displayed is not mixed with any TV video signal.
The wavy-lined arrows in the Table denote video signals.
n : 0 to 3,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com