Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 109Page - Renesas Technology Corp 7220 Datasheet HTML 110Page - Renesas Technology Corp 7220 Datasheet HTML 111Page - Renesas Technology Corp 7220 Datasheet HTML 112Page - Renesas Technology Corp 7220 Datasheet HTML 113Page - Renesas Technology Corp 7220 Datasheet HTML 114Page - Renesas Technology Corp 7220 Datasheet HTML 115Page - Renesas Technology Corp 7220 Datasheet HTML 116Page - Renesas Technology Corp 7220 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 303 page
background image
2-86
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
2.11.7 CRT output pin control
CRT display output pins R, G, B, and OUT1 are also used for ports P52–P55 respectively. When clearing
the corresponding bits of the port P5 direction register (address 00CB16) to “0,” the pins are set for CRT
output pins, when setting to “1,” the pins are set for general-purpose port P5. Pin PUT2 is also used for
port P10. When clearing bit 7 of the CRT control register (address 00EA16) to “0,” the pin is set for port P10,
when setting to “1,” the pin is set for pin OUT2.
Immediately after reset release, because the port P5 direction register is reset, they become CRT output
pins R, G, B, and OUT.
Bits 0 to 4 of the CRT port control register (address 00EC16) can determine HSYNC
and VSYNC input polarity
and R, G, B, OUT1, and OUT2 output polarity. When clearing corresponding bits to “0,” positive polarity
is selected, when setting to “1,” negative polarity is selected.
Figure 2.11.17 shows the CRT port control.
Fig. 2.11.17 CRT port control register (address 00EC16)
b7 b6 b5 b4 b3 b2 b1 b0
CRT port control register (CRTP) [Address 00EC16]
B
Name
Functions
After reset R W
CRT Port Control Register
0HSYNC input polarity
switch bit (HSYC)
0 : Positive polarity
1 : Negative polarity
0
1
0 : Positive polarity
1 : Negative polarity
0
2
R, G, B output polarity
switch bit (R/G/B)
0 : Positive polarity
1 : Negative polarity
0
3
OUT2 output polarity
switch bit (OUT2)
0 : Positive polarity
1 : Negative polarity
0
4
OUT1 output polarity
switch bit (OUT1)
0 : Positive polarity
1 : Negative polarity
0
5
R signal output switch bit
(OP5)
0 : R signal output
1 : MUTE signal output
0
6
G signal output switch bit
(OP6)
0 : G signal output
1 : MUTE signal output
0
7
B signal output switch bit
(OP7)
0 : B signal output
1 : MUTE signal output
0
VSYNC input polarity
switch bit (VSYC)
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com