Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 110Page - Renesas Technology Corp 7220 Datasheet HTML 111Page - Renesas Technology Corp 7220 Datasheet HTML 112Page - Renesas Technology Corp 7220 Datasheet HTML 113Page - Renesas Technology Corp 7220 Datasheet HTML 114Page - Renesas Technology Corp 7220 Datasheet HTML 115Page - Renesas Technology Corp 7220 Datasheet HTML 116Page - Renesas Technology Corp 7220 Datasheet HTML 117Page - Renesas Technology Corp 7220 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 303 page
background image
2-87
7220 Group User’s Manual
2.11 CRT display function
2.11.8 Raster coloring function
R, G, B, and OUT1 output can be switched to MUTE output. MUTE output can color all displaying area
(raster) of screen.
For example, the case that pin B is specified for MUTE signal output is shown in Figure 2.11.18.
When the MUTE signal is output from pin B, the background of the entire screen is colored “BLUE.” Then,
a character data is output from pin R, for example. When B and R signal outputs are set to “character is
output” by the color register at the character “I” output, the output character is colored “YELLOW” (“RED”
mixed “BLUE”) regardless of the OUT1 signal output.
When outputting the character “O,” the output character is colored only “RED” that is not mixed “BLUE”
by setting only R signal output to “character is output.” However, in this case, set pin OUT1 to “blank is
output.”
The TV image can be also erase by setting the all R, G, and B pins to MUTE output. The MUTE signal
is output from pin OUT1 output, regardless of setting CRT display RAM for pin OUT1.
Whether ordinary video signal outputs or MUTE signal outputs from pins R, G, and B is controlled by bits
5 to 7 of the CRT port control register (refer to “Figure 2.11.17”).
Fig. 2.11.18 MUTE signal output example
A
“RED”
“BLUE”
HSYNC
R
B
OUT 1
Signals across
A-A'
FUNCTIONAL DESCRIPTION
A'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com