Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 111Page - Renesas Technology Corp 7220 Datasheet HTML 112Page - Renesas Technology Corp 7220 Datasheet HTML 113Page - Renesas Technology Corp 7220 Datasheet HTML 114Page - Renesas Technology Corp 7220 Datasheet HTML 115Page - Renesas Technology Corp 7220 Datasheet HTML 116Page - Renesas Technology Corp 7220 Datasheet HTML 117Page - Renesas Technology Corp 7220 Datasheet HTML 118Page - Renesas Technology Corp 7220 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 303 page
background image
2-88
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
2.11.9 Clock for display
As a clock for display to be used for CRT display, it is possible to select one of the following 4 types.
q Main clock supplied from the XIN pin
q Main clock supplied from the XIN pin divided by 1.5
q Clock from the LC or RC supplied from the pins OSC1 and OSC2.
q Clock from the ceramic resonator or quartz-crystal oscillator supplied from the pins OSC1 and OSC2.
This clock for display can be selected by the CRT clock selection register (address 00ED16). When selecting
the main clock, set the oscillation frequency to 8 MHz.
Fig. 2.11.19 CRT clock selection register
b7 b6 b5 b4 b3 b2 b1 b0
CRT clock selection register (CK) [Address 00ED
B
Name
Functions
After reset R W
CRT Clock Selection Register
0, 1 CRT clock
selection bits
(CK0,CK1)
0
Since the main clock is used as the clock for
display, the oscillation frequency is limited.
Because of this, the character size in width
(horizontal) direction is also limited. In this
case, pins OSC1 and OSC2 are also used
as input ports P33 and P34 respectively.
The clock for display is supplied by connecting the
following across the pins OSC1 and OSC2.
• a ceramic resonator only for CRT display and a feedback resistor
• a quartz-crystal oscillator only for CRT display and a feedback
resistor (Note)
2
to
7
0
0
0
0
0
0
0
b1
The clock for display is supplied by connecting RC
or LC across the pins OSC1 and OSC2.
Functions
10
b0
CRT oscillation
frequency
= f(XIN)
CRT oscillation
frequency
= f(XIN)/1.5
Note: It is necessary to connect other ceramic resonator or quartz-crystal oscillator across the pins X
0
0
1
1
1
1
Fix these bits to “0.”
IN
and XOUT.
16
]
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com