Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 29Page - Renesas Technology Corp 7220 Datasheet HTML 30Page - Renesas Technology Corp 7220 Datasheet HTML 31Page - Renesas Technology Corp 7220 Datasheet HTML 32Page - Renesas Technology Corp 7220 Datasheet HTML 33Page - Renesas Technology Corp 7220 Datasheet HTML 34Page - Renesas Technology Corp 7220 Datasheet HTML 35Page - Renesas Technology Corp 7220 Datasheet HTML 36Page - Renesas Technology Corp 7220 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 303 page
background image
2-6
FUNCTIONAL DESCRIPTION
2.1 Central processing unit
7220 Group User’s Manual
2.1.4 Program counter (PC)
The program counter is a 16-bit counter consists of PCH and PCL, both of which are 8-bit registers.
The program counter indicates the address of the program to be executed next.
The M37221M6-XXXSP/FP uses the stored program system. To start a new operation, transfer the instruction
and the data, from the memory to the CPU. Ordinary, the program counter is controlled to indicate the
memory address to be sent next. After each instruction is executed, the instruction required next is called
out and this cycle is repeated until finished.
Note: The program counter of the M37221M6-XXXSP/FP is controlled automatically; however, make sure
to avoid differences between program flow and the program counter contents when operating the
stack pointer or directly changing the program counter contents.
2.1.5 Processor status register (PS)
The processor status register is an 8-bit register. It consists of 5 flags, which indicate the state after
arithmetic operations related to the internal CPU, and 3 flags which determine operation.
The following explains each of these flags. Refer to “6.9 Machine instruction table” of this USER’S
MANUAL or “SERIES 740 <SOFTWARE> USER’S MANUAL” concerning the change of these flags.
(1)
Carry flag (C) ...................................................... Bit 0
This flag stores any carry or borrow from the ALU after an arithmetic operation and is also changed
by the Shift instruction or Rotate instruction.
This flag is set to “1” by using the SEC instruction and is cleared to “0” by using the CLC instruction.
(2)
Zero flag (Z) ........................................................ Bit 1
This flag is set to “1” when the result of an arithmetic operation or a data transfer is “0” and is cleared
to “0” by any other result.
This flag has no meaning in the decimal mode.
(3)
Interrupt disable flag (I) ................................... Bit 2
This flag disables interrupts. When this flag is “1,” all interrupts except the BRK interrupt and reset
are disabled. This flag immediately becomes “1” when an interrupt is received. This flag is set to “1”
by using the SEI instruction and is cleared to “0” by using the CLI instruction.
(4)
Decimal operation mode flag (D) ................... Bit 3
This flag determines whether addition and substruction are performed in binary or decimal notation.
Binary arithmetic is performed when this flag is “0” and decimal arithmetic is performed with treating
each word as a 2-digit decimal when this flag is “1.” Decimal adjust is performed automatically at this
time. This flag is set to “1” by using the SED instruction and is cleared to “0” by using the CLD
instruction. Only the ADC and SBC instructions are used for decimal arithmetic.
Since this flag directly affects calculations, always initialize it after a reset.
(5)
Break flag (B) ...................................................... Bit 4
This flag determines whether or not an interrupt occurred by using the BRK instruction. When a BRK
instruction interrupt occurs, the flag B is set to “1”; for all other interrupts the flag is set to “0” and
pushed to the stack.
For the M37221M6-XXXSP/FP, interrupt vectors by using the BRK instruction are independent of
other interrupts, and it is possible to determine the cause of interrupt by jumping to the vector
address inherent to each interrupt. Therefore, it is not specifically necessary to refer to this flag.
Note: The BRK instruction will be used for debugging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com