Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 65Page - Renesas Technology Corp 7220 Datasheet HTML 66Page - Renesas Technology Corp 7220 Datasheet HTML 67Page - Renesas Technology Corp 7220 Datasheet HTML 68Page - Renesas Technology Corp 7220 Datasheet HTML 69Page - Renesas Technology Corp 7220 Datasheet HTML 70Page - Renesas Technology Corp 7220 Datasheet HTML 71Page - Renesas Technology Corp 7220 Datasheet HTML 72Page - Renesas Technology Corp 7220 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 303 page
background image
2-42
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.7 Serial I/O
Bit 0
0
1
0
1
2.7.2 Serial I/O register (address 00DD16)
The serial I/O register is serial-parallel conversion register used for data transfer. This register consists of
8-bit and can be used as both transmit and receive register.
Serial I/O register is assigned to address 00DD16.
Although data transfer is performed bit by bit, it is possible to specify whether the data is transferred
beginning with most-significant-bit (MSB) or least-significant-bit (LSB) by using bit 5 of the serial I/O mode
register.
(1)
When bit 5 of the serial I/O mode register is “0”
q Receive: Data is received bit by bit beginning with the MSB (bit 7) of the serial I/O register.
q Transmit: Data is transmitted bit by bit beginning with the LSB (bit 0) of the serial I/O register.
(2)
When bit 5 of the serial I/O mode register is “1”
q Receive: Data is received bit by bit beginning with the LSB (bit 0) of the serial I/O register.
q Transmit: Data is transmitted bit by bit beginning with the MSB (bit 7) of the serial I/O register.
2.7.3 Clock source generating circuit
The clock source generating circuit can select oscillation frequency divided by 4, 16, 32, and 64 as the
internal clock. Also, it can select an external clock (the external clock is selected immediately after reset).
Bit 2 of the serial I/O mode register specifies internal clock or external clock. When bit 2 of the serial
I/O mode register is set to “0,” an external clock is
selected, when “1,” an internal clock is selected.
When selecting an internal clock, set the division
of oscillation frequency by bits 0 and 1 of the serial
I/O mode register.
q Oscillation frequency divided by 4:
set both bits 1 and 0 to “0.”
q Oscillation frequency divided by 16:
set bit 1 = “0” and bit 0 = “1.”
q Oscillation frequency divided by 32:
set bit 1 = “1” and bit 0 = “0.”
q Oscillation frequency divided by 64:
set both bit 1 and 0 to “1.”
The contents of bits 0 and 1 of the serial I/O mode register are invalid, when selecting an external clock.
2.7.4 Serial input/output common transmission/reception mode
Pin P21/SOUT can also be used as the serial I/O data input pin when the serial input pin selection bit (bit
6 of the serial I/O mode register; address 00DC16) is set to “1.” (It is not necessary to set the corresponding
bit of port P2 direction register to input mode.)
With this function, pin P22/SIN can also be used as general-purpose input port P22.
Serial I/O clock
External clock
Internal
clock
Serial I/O mode register
Bit 2
0
1
Bit 1
0
0
1
1
Table 2.7.1 Clock source selection
f(XIN)/4
f(XIN)/16
f(XIN)/32
f(XIN)/64
0 or 1 (Invalid)
Fig. 2.7.3 Serial input/output common transfer mode block diagram
Serial I/O register (8)
Clock
Transmit mode
Receive mode
Port P22 data
SM6
P22/SIN
P21/SOUT
P20/SCLK
“1”
“0”
Input or output
SM: Serial I/O register
Note: To start receiving, set “FF16” to the serial I/O register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com