Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 83Page - Renesas Technology Corp 7220 Datasheet HTML 84Page - Renesas Technology Corp 7220 Datasheet HTML 85Page - Renesas Technology Corp 7220 Datasheet HTML 86Page - Renesas Technology Corp 7220 Datasheet HTML 87Page - Renesas Technology Corp 7220 Datasheet HTML 88Page - Renesas Technology Corp 7220 Datasheet HTML 89Page - Renesas Technology Corp 7220 Datasheet HTML 90Page - Renesas Technology Corp 7220 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 303 page
background image
2-60
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.8 Multi-master I2C-BUS interface
(4)
Address Data Communication
There are two address data communication formats, namely, 7-bit addressing format and 10-bit
addressing format. The respective address communication formats is described below.
Œ 7-bit addressing format
To meet the 7-bit addressing format, set the 10BIT SAD bit of the I2C control register (address
00DA16) to “0.” The first 7-bit address data transmitted from the master is compared with the high-
order 7-bit slave address stored in the I2C address register (address 00D816). At the time of this
comparison, address comparison of the RBW bit of the I2C address register (address 00D816) is not
made. For the data transmission format when the 7-bit addressing format is selected, refer to
“Figure 2.8.12, (1) and (2).”
 10-bit addressing format
To meet the 10-bit addressing format, set the 10BIT SAD bit of the I2C control register (address
00DA16) to “1.” An address comparison is made between the first-byte address data transmitted
from the master and the 7-bit slave address stored in the I2C address register (address 00D816).
At the time of this comparison, an address comparison between the RBW bit of the I2C address
__
register (address 00D816) and the R/W bit which is the last bit of the address data transmitted from
__
the master is made. In the 10-bit addressing mode, the R/W bit which is the last bit of the address
data not only specifies the direction of communication for control data but also is processed as an
address data bit.
When the first-byte address data matches the slave address, the AAS bit of the I2C status register
(address 00D916) is set to “1.” After the second-byte address data is stored into the I2C data shift
register (address 00D716), make an address comparison between the second-byte data and the
slave address by software. When the address data of the 2nd byte matches the slave address, set
the RBW bit of the I2C address register (address 00D816) to “1” by software. This processing can
__
match the 7-bit slave address and R/W data, which are received after a RESTART condition is
detected, with the value of the I2C address register (address 00D816). For the data transmission
format when the 10-bit addressing format is selected, refer to “Figure 2.8.12, (3) and (4).”
S
Slave address
A
Data
A
Data
A/A
P
R/W
7 bits
“0”
1 to 8 bits
1 to 8 bits
S
Slave address
A
Data
A
Data
AP
7 bits
“1”
1 to 8 bits
1 to 8 bits
(1) A master-transmitter transmits data to a slave-receiver
S
Slave address
1st 7 bits
A
A
Data
7 bits
“0”
8 bits
1 to 8 bits
(2) A master-receiver receives data from a slave-transmitter
Slave address
2nd byte
A
Data
A/A
P
1 to 8 bits
S
Slave address
1st 7 bits
A
A
7 bits
“0”
8 bits
7 bits
(3) A master-transmitter transmits data to a slave-receiver with a 10-bit address
Slave address
2nd byte
Data
1 to 8 bits
Sr
Slave address
1st 7 bits
A
Data
AP
1 to 8 bits
“1”
(4) A master-receiver receives data from a slave-transmitter with a 10-bit address
S
A
Sr
From master to slave
From slave to master
R/W
R/W
R/W
R/W
Fig. 2.8.12 Address data communication format
: START condition
: ACK bit
: Restart condition
P : STOP condition
R/W: Read/Write bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com