Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 39Page - Renesas Technology Corp 7220 Datasheet HTML 40Page - Renesas Technology Corp 7220 Datasheet HTML 41Page - Renesas Technology Corp 7220 Datasheet HTML 42Page - Renesas Technology Corp 7220 Datasheet HTML 43Page - Renesas Technology Corp 7220 Datasheet HTML 44Page - Renesas Technology Corp 7220 Datasheet HTML 45Page - Renesas Technology Corp 7220 Datasheet HTML 46Page - Renesas Technology Corp 7220 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 303 page
background image
2-16
FUNCTIONAL DESCRIPTION
2.3 Memory assignment
7220 Group User’s Manual
2.3.1 Internal RAM
The static RAM is assigned.
The internal RAM is used as a stack area for subroutine calls and interrupts as well as for storing data.
Both zero page and page 1 are used as a stack area. At reset, the page 1 is specified automatically.
Ordinary, the stack pointer is set to the highest address in the internal RAM of the page 1 during initialization
immediately after power on.
This stack pointer moves to lower addresses as the nesting depth increases; therefore, make sure the
subroutine nesting and interrupt levels to prevent the stored data destroying necessary data in the RAM.
When the stack page is specified “1,” if the value of stack pointer exceeds address 010016, the value of
stack page never change to “0” automatically. In this case, set the stack page value to “0” and set the stack
pointer value to the highest address by software.
2.3.2 I/O ports (addresses 00C016 to 00CD16)
Addresses 00C016 to 00CD16 are assigned to the ports, port direction registers and the port P3 output mode
control register. There are 5 ports: P0, P1, P2, P3 and P5. Ports P0, P1 and P2 are the 8-bit programmable
I/O ports. Port P3 consists of 5 bits. The low-order 3 bits (P30–P32) are the programmable I/O ports, and
the high-order 2 bits (P33 and P34) are the input ports.
For I/O ports P0, P1, P2 and P30–P32, input or output can be specified in bit units by setting the relevant
values to each port direction register.
To specify port bits as output pins, write “1” to the corresponding bit of the port direction register.
Conversely, write “0” to the corresponding bit to specify as an input pin.
For example, to use the even numbered bits of port P2 as output ports and the odd numbered bits as input
ports, write “5516 (010101012)” to address 00C516 (the port P2 direction register) at initialization.
Although Port P5 is an output port, it can be specified as the CRT output pins (R, G, B, OUT1) or as
general-purpose port (P52–P55) by setting each bit in the port P5 direction register.
When setting “0,” it is used for the CRT output pins (R, G, B, OUT1), and when setting “1,” it is used as
general-purpose output ports (P52–P55).
Note: Each port direction register default is “input” (port P5 is “CRT output”) immediately after reset
release.
Fig. 2.3.6 I/O setting example of port
0
1
2
3
4
5
6
7
00C416
00C516
Port P2 direction register
Bit
Port P2
Bit
Port P2
Port P2 direction register
Write “5516” to port P2 direction register
01010101
76
54
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com