Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 88Page - Renesas Technology Corp 7220 Datasheet HTML 89Page - Renesas Technology Corp 7220 Datasheet HTML 90Page - Renesas Technology Corp 7220 Datasheet HTML 91Page - Renesas Technology Corp 7220 Datasheet HTML 92Page - Renesas Technology Corp 7220 Datasheet HTML 93Page - Renesas Technology Corp 7220 Datasheet HTML 94Page - Renesas Technology Corp 7220 Datasheet HTML 95Page - Renesas Technology Corp 7220 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 303 page
background image
2-65
7220 Group User’s Manual
2.10 PWM
2.10.2 14-bit PWM (DA output)
The 14-bit PWM automatically outputs a PWM rectangular waveform from the D-A pin by writing high-order
8 bits of the output data to the DA-H register and the low-order 6 bits to the DA-L register. Data of the
DA-H register are transferred to the 14-bit PWM circuit when writing to the DA-L register.
The following explains the output operation of 14-bit PWM rectangular waveform (when f(XIN) = 8 MHz).
ŒThe repeat cycle “T” (4,096 µs) of output waveform is divided into 26 = 64 smaller interval “t” (t =
64
µs). The “t” is further divided into the minimum resolution bit “
τ” of 28 = 256 (τ = 0.25 µs).
The HIGH duration of the fundamental waveform is determined by the high-order 8 bits “DH” of the DA
latch.
HIGH duration (time) =
τ ! DH (when f(XIN) = 8 MHz, 0.25DH µs)
Because the DH values are “0” to “255,” the HIGH duration can be selected a total of 256.
ŽThe smaller interval “tm” with a longer HIGH level area by “
τ” is specified by the low-order 6 bits “DL” of
the DA latch. The tm is specified from among 64 smaller intervals (t0 to t63).
Therefore, a rectangular waveform consisted of 2-kind waveforms with different HIGH duration are output
from pin D–A (a length of entirely HIGH output cannot be output).
Figure 2.10.3 shows the 14-bit PWM output example, Table 2.10.2 shows the relation between DL and tm
(m = “0” to “63”).
Table 2.10.2 The relation between DL and tm (m = “0” to “63”)
Low-order 6-bit data of DA register (DL)
Smaller intervals that HIGH duration is longer by
τ
tm (m = “0” to “63”)
Nothing
m = 32
m = 16, 48
m = 16, 32, 48
m = 8, 24, 40, 56
m = 8, 24, 32, 40, 56
m = 8, 16, 24, 40, 48, 56
:
m = 4, 12, 20, 28, 36, 44, 52, 60
:
m = 2, 6, 10, 14, 18, ... 46, 50, 54, 58, 62
:
m = 1, 3, 5, 7, 9 ... 55, 57, 59, 61, 63
:
m = 1, 3, 5, 7, 9 ... 52, 55, 57, 59, 60, 61, 63
:
m = 1 to 63 (“0” is not included)
Number
0
1
2
3
4
5
6
:
8
:
16
:
32
:
40
:
63
MSB
0 0 0 0 0 0
LSB
0 0 0 0 0 1
0 0 0 0 1 0
0 0 0 0 1 1
0 0 0 1 0 0
0 0 0 1 0 1
0 0 0 1 1 0
:
0 0 1 0 0 0
:
0 1 0 0 0 0
:
1 0 0 0 0 0
:
1 0 1 0 0 0
:
1 1 1 1 1 1
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com