Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 87Page - Renesas Technology Corp 7220 Datasheet HTML 88Page - Renesas Technology Corp 7220 Datasheet HTML 89Page - Renesas Technology Corp 7220 Datasheet HTML 90Page - Renesas Technology Corp 7220 Datasheet HTML 91Page - Renesas Technology Corp 7220 Datasheet HTML 92Page - Renesas Technology Corp 7220 Datasheet HTML 93Page - Renesas Technology Corp 7220 Datasheet HTML 94Page - Renesas Technology Corp 7220 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 303 page
background image
2-64
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.10 PWM
Fig. 2.10.2 8-bit PWM block diagram
2.10.1 8-bit PWM registers (addresses 00D016 to 00D416 and 00F616)
/DA registers (addresses 00CE16 and 00CF16)
Data transfer from the 8-bit PWM registers (addresses 00D016 to 00D416 and 00F616) to the 8-bit PWM
circuit is executed when writing data to the registers. The output signal from the 8-bit PWM output pin
corresponds to the contents of this register.
Also, data transfer from the DA registers (addresses 00CE16 and 00CF16) to the 14-bit PWM circuit is
executed when writing data to the DA-L register (address 00CF16). The output signal from the D–A output
pin corresponds to the contents of the DA latch.
Reading from the DA register (address 00CE16) means the DA latch contents. Therefore, it is possible to
confirm the data being output from the D-A output pin by reading the DA register.
The contents of the 8-bit PWM register and DA register are indeterminate after reset.
Inside of
with the others.
PWM1 register (Address : 00D116)
1/2
XIN
PWM timing
generating
circuit
PWM register
(Address : 00D0 16)
b7
b0
8
8-bit PWM circuit
PN3
P00
PW2
D00
PWM0
P01
PW3
D01
PWM1
P02
PW4
D02
PWM2
P03
PW5
D03
PWM3
P04
PW6
D04
PWM4
P05
PW7
D05
PWM5
PWM2 register (Address : 00D216)
PWM3 register (Address : 00D316)
PWM4 register (Address : 00D416)
PWM5 register (Address : 00F616)
Data bus
Selection gate :
PW: PWM output control register 1
PN: PWM output control register 2
PW0
Connected to
black side when
reset.
is as same contents
D0: Port P0 direction register
16
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com