Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 55Page - Renesas Technology Corp 7220 Datasheet HTML 56Page - Renesas Technology Corp 7220 Datasheet HTML 57Page - Renesas Technology Corp 7220 Datasheet HTML 58Page - Renesas Technology Corp 7220 Datasheet HTML 59Page - Renesas Technology Corp 7220 Datasheet HTML 60Page - Renesas Technology Corp 7220 Datasheet HTML 61Page - Renesas Technology Corp 7220 Datasheet HTML 62Page - Renesas Technology Corp 7220 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 303 page
background image
2-32
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.5 Interrupts
Fig. 2.5.7 Interrupt input polatiry register (address 00F916)
Fig. 2.5.8 CRT port control register (address 00EC16)
b7 b6 b5 b4 b3 b2 b1 b0
CRT port control register(CRTP) [Address 00EC 16]
b
Name
Functions
After reset R W
CRT port control register
0HSYNC input polarity
switch bit (HSYC)
0 : Positive polarity
1 : Negative polarity
0
1
0 : Positive polarity
1 : Negative polarity
0
2
R, G, B output polarity
switch bit (R, G, B)
0 : Positive polarity
1 : Negative polarity
0
3
OUT2 output polarity
switch bit (OUT2)
0 : Positive polarity
1 : Negative polarity
0
4
OUT1 output polarity
switch bit (OUT1)
0 : Positive polarity
1 : Negative polarity
0
5
R signal output switch bit
(OP5)
0 : R signal output
1 : MUTE signal output
0
6
G signal output switch bit
(OP6)
0 : G signal output
1 : MUTE signal output
0
7
B signal output switch bit
(OP7)
0 : B signal output
1 : MUTE signal output
0
VSYNC input polarity
switch bit (VSYC)
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt input polarity register(RE) [Address 00F9 16]
b
Name
Functions
After reset
R W
Interrupt Input Polarity Register
0
INT1 polarity switch bit
(RE3)
1, 2
0
0
3
0 : Positive polarity
1 : Negative polarity
0
4
0 : Positive polarity
1 : Negative polarity
0
5
0 : Positive polarity
1 : Negative polarity
0
6
0
7
0
0
0
INT2 polarity switch bit
(RE4)
INT3 polarity switch bit
(RE5)
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Fix these bits to “0.”
Fix this bit to “0.”
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Indeterminate
R—
RW
RW
RW
RW
R—
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com