Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 76Page - Renesas Technology Corp 7220 Datasheet HTML 77Page - Renesas Technology Corp 7220 Datasheet HTML 78Page - Renesas Technology Corp 7220 Datasheet HTML 79Page - Renesas Technology Corp 7220 Datasheet HTML 80Page - Renesas Technology Corp 7220 Datasheet HTML 81Page - Renesas Technology Corp 7220 Datasheet HTML 82Page - Renesas Technology Corp 7220 Datasheet HTML 83Page - Renesas Technology Corp 7220 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 303 page
background image
2-53
7220 Group User’s Manual
2.8 Multi-master I2C-BUS interface
(4)
I2C Control Register (S1D: address 00DA16)
The I2C control register (address 00DA16) controls the data communication format.
s Bits 0 to 2: Bit counter (BC0–BC2)
These bits decide the number of bits for the next 1-byte data to be transmitted. An interrupt
request signal occurs immediately after the number of bits specified with these bits are transmitted.
When a START condition is received, these bits become “0002” and the address data is always
transmitted and received in 8 bits.
s Bit 3: I2C-BUS interface use enable bit (ESO)
This bit enables usage of the multi-master I2C-BUS interface. When this bit is set to “0,” the use
disable status is provided, so the SDA and the SCL become high-impedance. When the bit is set
to “1,” use of the interface is enabled.
When ESO = “0,” the following is performed.
• PIN = “1,” BB = “0” and AL = “0” are set (they are bits of the I2C status register at address
00F816).
• Writing data to the I2C data shift register (address 00D716) is disabled.
s Bit 4: Data format selection bit (ALS)
This bit decides whether or not to recognize slave addresses. When this bit is set to “0,” the
addressing format is selected, so that address data is recognized. When a match is found between
a slave address and address data as a result of comparison or when a general call (refer to “(5)
I2C Status Register,” bit 1) is received, transmission processing can be performed. When this bit
is set to “1,” the free data format is selected, so that slave addresses are not recognized.
s Bit 5: Addressing format selection bit (10BIT SAD)
This bit selects a slave address specification format. When this bit is set to “0,” the 7-bit addressing
format is selected. In this case, only the high-order 7 bits (slave address) of the I2C address
register (address 00D816) are compared with address data. When this bit is set to “1,” the 10-bit
addressing format is selected, all the bits of the I2C address register are compared with address
data.
s Bit 6 and 7: Connection control bits between I2C-BUS interface and ports (BSEL0, BSEL1)
This bits controls the connection between SCL and ports or SDA and ports. When using the ports
as multi-master I2C-BUS interface, set the corresponding bits of port P1 direction register to “1”
(output mode).
Figure 2.8.5 shows the connection port control by BSEL0 and BSEL1, Figure 2.8.6 shows the I2C
control register.
Fig. 2.8.5 Connection port control by BSEL0 and BSEL1
“0”
“1” BSEL0
SCL1/P11
SCL2/P12
“0”
“1” BSEL1
“0”
“1” BSEL0
SDA1/P13
SDA2/P14
“0”
“1” BSEL1
Multi-master
I2C-BUS
interface
SCL
SDA
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com