Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 89Page - Renesas Technology Corp 7220 Datasheet HTML 90Page - Renesas Technology Corp 7220 Datasheet HTML 91Page - Renesas Technology Corp 7220 Datasheet HTML 92Page - Renesas Technology Corp 7220 Datasheet HTML 93Page - Renesas Technology Corp 7220 Datasheet HTML 94Page - Renesas Technology Corp 7220 Datasheet HTML 95Page - Renesas Technology Corp 7220 Datasheet HTML 96Page - Renesas Technology Corp 7220 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 303 page
background image
2-66
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.10 PWM
Fig. 2.10.3 14-bit PWM output example (f(XIN) = 8 MHz)
0.25
µs
b7
b0
b6 b5 b4 b3 b2 b1
0
0
010
11
0
b13
b6
00
0
101
10
b0
b5
101
000
Set “2C16” to DA-H register.
[DA-H
register]
DH
At writing of DA-L
b0
b6 b5 b4 b3 b2 b1
0
1
010
0
Set “2816” to DA-L register.
[DA-L register]
DL
At writing of DA-L
Undefined
These bits decide HIGH level area
of fundamental waveform.
These bits decide smaller interval “tm” in which HIGH level
area is [HIGH level area of fundamental waveform +
τ ].
=
Minimum
resolution bit
width 0.25
µs
High-order 8-bit
value of DA latch
!
HIGH level area of
fundamental waveform
FF
00
D3
FE FD … D6
D4
02 01
D5
14-bit
PWM output
8-bit
counter
0.25
µs ! 44
FF
00
D3
FE FD
D6
D4
02 01
D5
14-bit
PWM output
8-bit
counter
0.25
µs ! 45
Fundamental
waveform
Waveform of smaller interval “tm” specified by low-order 6 bits
Fundamental waveform of smaller interval
“tm” which is not specified by low-order 6
bits is not changed.
14-bit PWM output
Low-order 6-bit output
of DA latch
0.25
µs ! 44
τ = 0.25 µs
T = 4096
µs
Repeat period
t0
t1
t2
t3
t4
t5
t59
t60
t61
t62
t63
[DA latch]
…
b7
2C 2B 2A … 03 02 01 00
2C 2B 2A … 03 02 01 00
…
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com