Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 108Page - Renesas Technology Corp 7220 Datasheet HTML 109Page - Renesas Technology Corp 7220 Datasheet HTML 110Page - Renesas Technology Corp 7220 Datasheet HTML 111Page - Renesas Technology Corp 7220 Datasheet HTML 112Page - Renesas Technology Corp 7220 Datasheet HTML 113Page - Renesas Technology Corp 7220 Datasheet HTML 114Page - Renesas Technology Corp 7220 Datasheet HTML 115Page - Renesas Technology Corp 7220 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 303 page
background image
2-85
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
Fig. 2.11.16 Border selection register (address 00E516)
2.11.6 Character border function
An border of 1 clock (1 dot) equivalent size can be
added to a display character in both horizontal and
vertical directions. The border is output from pin
OUT 1. In this case, set bit 5 of a color register to
“0” (character is output).
Border can be specified each block by the border
selection register (address 00E516). Table 2.11.6
shows the relationship between the set values of
the border selection register and the character border
function. Figure 2.11.16 shows the border selection
register.
Fig. 2.11.15 Border example
Table 2.11.6 Relationship between set value of border selection register and character border function
Border selection register
MDn0
Functions
Example of output
0
1
Ordinary
Border including
character
R, G, B output
OUT1 output
R, G, B output
OUT1 output
Border dots
Character
data dots
b7 b6 b5 b4 b3 b2 b1 b0
Border selection register (MD) [Address 00E516]
B
Name
Functions
After reset
R W
Border Selection Register
0
Block 1 OUT1 output
border selection bit (MD10)
0 : Same output as character output
1 : Border output
Indeterminate
1
2
Block 1 OUT1 output
border selection bit (MD20)
0 : Same output as character output
1 : Border output
0
0
3
to
7
Nothing is assigned. This bit is a write disable bits.
When this bit is read out, the value is “0.”
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
Indeterminate
RW
R—
RW
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com