Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 112Page - Renesas Technology Corp 7220 Datasheet HTML 113Page - Renesas Technology Corp 7220 Datasheet HTML 114Page - Renesas Technology Corp 7220 Datasheet HTML 115Page - Renesas Technology Corp 7220 Datasheet HTML 116Page - Renesas Technology Corp 7220 Datasheet HTML 117Page - Renesas Technology Corp 7220 Datasheet HTML 118Page - Renesas Technology Corp 7220 Datasheet HTML 119Page - Renesas Technology Corp 7220 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 303 page
background image
2-89
7220 Group User’s Manual
2.12 ROM correction function
2.12 ROM correction function
Only the M37221M8-XXXSP and the M37221MA-XXXSP have this function.
This can correct ROM program data in ROM. Up to 2 addresses (2 blocks) can be corrected, a program for
correction is stored in the ROM correction memory in RAM. The ROM memory for correction is 32 bytes !
2 blocks.
Block 1 : addresses 02C016 to 02DF16
Block 2 : addresses 02E016 to 02FF16
Set an address of the ROM data to be corrected into the ROM correction address register. When the value
of the counter matches the ROM data address in the ROM correction address, the main program branches
to the correction program stored in the ROM correction memory. To return from the correction program to
the main program, the op code and operand of the JMP instruction (total of 3 bytes) are necessary at the
end of the correction program. When the blocks 1 and 2 are used in series, the above instruction is not
needed at the end of the block 1.
The ROM correction function is controlled by the ROM correction enable register.
Notes 1 : Specify the first address (op code address) of each instruction as the ROM correction address.
2 : Use the JMP instruction (total of 3 bytes) to return from
the correction program to the main program.
3 : Do not set the same address to ROM correction addresses 1 and 2 (addresses to 021716 to
021A16).
Fig. 2.12.1 ROM correction address registers
021716
ROM correction address 1 (high-order)
021816
ROM correction address 1 (low-order)
021916
ROM correction address 2 (high-order)
021A16
ROM correction address 2 (low-order)
Fig. 2.12.2 ROM correction enable register
b7 b6 b5 b4 b3 b2 b1 b0
ROM correction enable register (RCR) [Address 021216]
B
After reset RW
ROM Correction Enable Register
0
Block 1 enable bit (RCR0)
Name
Functions
0: Disabled
1: Enabled
1
Block 2 enable bit (RCR1)
0: Disabled
1: Enabled
4
to
7
Nothing is assigned. These bits are write disable bits. When
these bits are read out, the values are “0.”
0
0
0
2, 3 Fix these bits to “0.”
0
00
RW
RW
R—
R—
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com