Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 102Page - Renesas Technology Corp 7220 Datasheet HTML 103Page - Renesas Technology Corp 7220 Datasheet HTML 104Page - Renesas Technology Corp 7220 Datasheet HTML 105Page - Renesas Technology Corp 7220 Datasheet HTML 106Page - Renesas Technology Corp 7220 Datasheet HTML 107Page - Renesas Technology Corp 7220 Datasheet HTML 108Page - Renesas Technology Corp 7220 Datasheet HTML 109Page - Renesas Technology Corp 7220 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 303 page
background image
2-79
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
Left side 8 dots
1000016 to 1000F16
1001016 to 1001F16
1002016 to 1002F16
1003016 to 1003F16
:
107E016 to 107EF16
107F016 to 107EF16
1100016 to 1100F16
1101016 to 1101F16
:
117D016 to 117DF16
117E016 to 117EF16
117F016 to 117EF16
Right 4 side 8 dots
1080016 to 1080F16
1081016 to 1081F16
1082016 to 1082F16
1083016 to 1083F16
:
10FE016 to 10FEF16
10FF016 to 10FFF16
1180016 to 1180F16
1181016 to 1181F16
:
11FD016 to 11FDF16
11FE016 to 11FEF16
11FF016 to 11FFF16
The character code used to specify a display character is determined based on the address in the
CRT display ROM in which that character data is stored.
Assume that 1 character data is stored in addresses 10XX016 to 10XXF16 (XX denotes “0016” to “7F16”)
and 10YY016 to 10YYF16 (YY denotes “XX + 80016”), then the character code is “XX 16
.”
In other words, a character code is constructed with the low-order second and third digits (hexadecimal
notation) of the 5-digit address (1000016 to 107FF16) where that character data is stored.
A character code is “YY16” in addresses 1100016 to 11FFF16.
Table 2.11.3 shows the character code table.
Table 2.11.3 Character code table (be omitted partly)
Character data stored address
Character code
0016
0116
0216
0316
:
7E16
7F16
8016
8116
:
FD16
FE16
FF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com