Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 99Page - Renesas Technology Corp 7220 Datasheet HTML 100Page - Renesas Technology Corp 7220 Datasheet HTML 101Page - Renesas Technology Corp 7220 Datasheet HTML 102Page - Renesas Technology Corp 7220 Datasheet HTML 103Page - Renesas Technology Corp 7220 Datasheet HTML 104Page - Renesas Technology Corp 7220 Datasheet HTML 105Page - Renesas Technology Corp 7220 Datasheet HTML 106Page - Renesas Technology Corp 7220 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 303 page
background image
2-76
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.11 CRT display function
Fig. 2.11.6 Vertical position register n (addresses 00E116 and 00E216)
Fig. 2.11.7 Horizontal position register (address 00E016)
The vertical position can specify 128-step positions (4 scanning lines per step) for each block by setting
values “0016” to “7F16” to bits 0 to 6 of the vertical position registers (the blocks 1 and 2 are assigned to
addresses to 00E116, 00E216 respectively). Figure 2.11.6 shows the vertical position registers.
The horizontal direction is common to both blocks, and can specify 64-step display positions (4 TC per step,
TC: oscillation cycle for display) by setting values “0016” to “3F16” to bits 0 to 5 of the horizontal position
register (address 00E016).
Figure 2.11.7 shows the horizontal position register.
b7 b6 b5 b4 b3 b2 b1 b0
Vertical position register n (CV1,CV2) (n = 1 and 2) [Addresses 00E116, 00E216]
B
Name
Functions
After reset
R W
Vertical Position Register n
0
to
6
7
Vertical display start positions
128 steps (0016 to 7F16)
Indeterminate
0
(CV1 : CV10 to CV16)
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
(CV2 : CV20 to CV26)
RW
R—
b7 b6 b5 b4 b3 b2 b1 b0
Horizontal position register (HR) [Address 00E016]
B
Name
Functions
After reset
RW
Horizontal Position Register
0
to
5
6, 7
Horizontal display start
positions (HR0 to HR5)
64 steps (0016 to 3F16)
0
0
Nothing is assigned. These bits are write disable bits.
When thses bits are read out, the values are “0.”
RW
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com