Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 283Page - Renesas Technology Corp 7220 Datasheet HTML 284Page - Renesas Technology Corp 7220 Datasheet HTML 285Page - Renesas Technology Corp 7220 Datasheet HTML 286Page - Renesas Technology Corp 7220 Datasheet HTML 287Page - Renesas Technology Corp 7220 Datasheet HTML 288Page - Renesas Technology Corp 7220 Datasheet HTML 289Page - Renesas Technology Corp 7220 Datasheet HTML 290Page - Renesas Technology Corp 7220 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 303 page
background image
APPENDIX
6.11 Mask ROM ordering method
7220 Group User’s Manual
6-68
GZZ–SH11–58B < 72A0 >
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37221M8-XXXSP
MITSUBISHI ELECTRIC
Mask ROM number
Date :
Supervisor
signature
Section head
signature
g
Customer
Company
name
Date
issued
Date :
TEL
(
)
Note : Please fill in all items marked g.
Submitted by
Supervisor
g 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three EPROMs are required for each pattern.
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based on
this data. We shall assume the responsibility for errors only if the mask ROM data on the products we produce
differs from this data. Thus, extreme care must be taken to verify the data in the submitted EPROMs.
Checksum code for entire EPROM
(hexadecimal notation)
27C101
EPROM address
000016
Product name
ASCII code :
‘M37221M8 –’
000F16
FFFF16
Set “FF16” in the shaded area.
Write the ASCII codes that indicates the product name of “M37221M8–” to addresses 000016 to 000F16.
(1)
(2)
EPROM type (indicate the type used)
800016
Character ROM 1-a
107FF16
117FF16
g 2. Mark specification
Mark specification must be submitted using the correct form for the type package being ordered fill out the appropriate
mark specification form (42P4B for M37221M8-XXXSP) and attach to the mask ROM confirmation form.
(1/3)
Do you set “FF16” in the shaded area ?
Do you write the ASCII codes that indicates the product
name of “M37221M8–” to addresses 0000 16 to 000F16 ?
EPROM data check item (Refer the EPROM data and check “ ” in the appropriate box)
→ Yes
→ Yes
q
q
1000016
10FFF16
Character ROM 1-b
data
ROM 32 K bytes
1080016
Character ROM 2-a
1100016
1180016
Character ROM 1-b
11FFF16
1FFFF16
g 3. Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com