Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Overall DC Electrical Characteristics
Freescale Semiconductor
22
2.1.2
Recommended Operating Conditions
Table 3 provides the recommended operating conditions for this device. Note that the values in Table 2 are the recommended
and tested operating conditions. Proper device operation outside these conditions is not guaranteed.
DDR SDRAM
Controller I/O
supply voltage
DDR2 SDRAM Interface
GVDD
–0.3 to 1.98
V
—
DDR3 SDRAM Interface
–0.3 to 1.65
Three-speed Ethernet I/O, MII management voltage
LVDD (eTSEC1)
–0.3 to 3.63
–0.3 to 2.75
V2
TVDD (eTSEC3)
–0.3 to 3.63
–0.3 to 2.75
V2
PCI, DUART, system control and power management, I2C, USB,
eSDHC, eSPI and JTAG I/O voltage
OVDD
–0.3 to 3.63
V
—
Local bus I/O voltage
BVDD
–0.3 to 3.63
–0.3 to 2.75
–0.3 to 1.98
V—
Input voltage
DDR2/DDR3 DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
3
DDR2/DDR3 DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
—
Three-speed Ethernet signals
LVIN
TVIN
–0.3 to (LVDD + 0.3)
–0.3 to (TVDD + 0.3)
V3
Local bus signals
BVIN
–0.3 to (BVDD + 0.3)
—
—
PCI, DUART, SYSCLK, system control and
power management, I2C, and JTAG signals
OVIN
–0.3 to (OVDD + 0.3)
V
3
Storage temperature range
TSTG
–55 to 150
0C—
Notes:
1. Functional and tested operating conditions are given in Table 3. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. The 3.63-V maximum is only supported when the port is configured in GMII, MII, RMII or TBI modes; otherwise the 2.75V
maximum applies. See Section 2.9.2, “FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing Specifications,” for details on
the recommended operating conditions per protocol.
3. (M,L,O)VIN and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Recommended Value Unit Notes
Core supply voltage
VDD_CORE
1.0 ± 50 mV
1.1 ± 55 mV
V1
Platform supply voltage
VDD_PLAT
1.0 ± 50 mV
V
—
PLL core supply voltage
AVDD_CORE
1.0 ± 50 mV
1.1 ± 55 mV
V1,2
PLL other supply voltage
AVDD
1.0 ± 50 mV
V
2
Core power supply for SerDes transceivers
SVDD
1.0 ± 50 mV
V
—
Table 2. Absolute Maximum Ratings1 (continued)
Characteristic
Symbol
Max Value
Unit Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com