Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
DUART
Freescale Semiconductor
40
2.8
DUART
This section describes the DC and AC electrical specifications for the DUART interface of the MPC8536E.
2.8.1
DUART DC Electrical Characteristics
Table 22 provides the DC electrical characteristics for the DUART interface.
2.8.2
DUART AC Electrical Specifications
Table 23 provides the AC timing parameters for the DUART interface.
2.9
Ethernet: Enhanced Three-Speed Ethernet (eTSEC),
MII Management
This section provides the AC and DC electrical characteristics for enhanced three-speed and MII management.
Table 22. DUART DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
– 0.3
0.8
V
Input current
(VIN
1 = 0 V or V
IN = VDD)
IIN
—±5
μA
High-level output voltage
(OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
Low-level output voltage
(OVDD = min, IOL = 2 mA)
VOL
—0.4
V
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 23. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
CCB clock/1,048,576
baud
2
Maximum baud rate
CCB clock/16
baud
2,3
Oversample rate
16
—
4
Notes:
2. CCB clock refers to the platform clock.
3. Actual attainable baud rate will be limited by the latency of interrupt processing.
4. The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit.
Subsequent bit values are sampled each 16th sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com