Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
enhanced Local Bus Controller (eLBC)
Freescale Semiconductor
66
2.12
enhanced Local Bus Controller (eLBC)
This section describes the DC and AC electrical specifications for the local bus interface of the MPC8536E.
2.12.1
Local Bus DC Electrical Characteristics
Table 48 provides the DC electrical characteristics for the local bus interface operating at BVDD = 3.3 V DC.
Table 49 provides the DC electrical characteristics for the local bus interface operating at BVDD = 2.5 V DC.
Table 48. Local Bus DC Electrical Characteristics (3.3 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 3.3V
BVDD
3.13
3.47
V
High-level input voltage
VIH
1.9
BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(BVIN
1 = 0 V or BV
IN = BVDD)
IIN
—±5
μA
High-level output voltage
(BVDD = min, IOH = –2 mA)
VOH
2.4
—
V
Low-level output voltage
(BVDD = min, IOL = 2 mA)
VOL
—0.4
V
Note:
1. Note that the symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1.
Table 49. Local Bus DC Electrical Characteristics (2.5 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 2.5V
BVDD
2.37
2.63
V
High-level input voltage
VIH
1.70
BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.7
V
Input current
(BVIN
1 = 0 V or BV
IN = BVDD)
IIH
—10
μA
IIL
–15
High-level output voltage
(BVDD = min, IOH = –1 mA)
VOH
2.0
BVDD + 0.3
V
Low-level output voltage
(BVDD = min, IOL = 1 mA)
VOL
GND – 0.3
0.4
V
Note:
1. Note that the symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com