Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
PCI
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
89
2.18.2
GPIO AC Electrical Specifications
Table 66 provides the GPIO input and output AC timing specifications.
Figure 53 provides the AC test load for the GPIO.
Figure 53. GPIO AC Test Load
2.19
PCI
This section describes the DC and AC electrical specifications for the PCI bus of the MPC8536E.
2.19.1
PCI DC Electrical Characteristics
Table 67 provides the DC electrical characteristics for the PCI interface.
Table 66. GPIO Input and Output AC Timing Specifications1
Characteristic
Symbol 2
Min
Unit
Notes
GPIO inputs—minimum pulse width
tPIWID
7.5
ns
3
GPIO outputs—minimum pulse width
tGTOWID
12
ns
—
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings
are measured at the pin.
2. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by any
external synchronous logic. GPIO inputs are required to be valid for at least tPIWID ns to ensure proper operation.
3. The minimum pulse width is a function of the MPX/Platform clock. The minimum pulse width must be greater than or equal
to 4 times the MPX/Platform clock period.
Table 67. PCI DC Electrical Characteristics 1
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(VIN
2 = 0 V or V
IN = VDD)
IIN
—±5
μA
High-level output voltage
(OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
Low-level output voltage
(OVDD = min, IOL = 2 mA)
VOL
—0.4
V
Notes:
1. Ranges listed do not meet the full range of the DC specifications of the
PCI 2.2 Local Bus Specifications.
2. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com