Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
Freescale Semiconductor
48
Figure 21 shows the MII receive AC timing diagram.
Figure 21. MII Receive AC Timing Diagram
2.9.2.4
TBI AC Timing Specifications
This section describes the TBI transmit and receive AC timing specifications.
2.9.2.4.1
TBI Transmit AC Timing Specifications
Table 32 provides the TBI transmit AC timing specifications.
Table 32. TBI Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
GTX_CLK clock period
tTTX
—8.0
—
ns
GTX_CLK duty cycle
tTTXH/tTTX
40
—
60
%
GTX_CLK to TCG[9:0] delay time
tTTKHDX
2
1.0
—
5.0
ns
GTX_CLK rise (20%–80%)
tTTXR
——
1.0
ns
GTX_CLK fall time (80%–20%)
tTTXF
——
1.0
ns
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state )(reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTTKHDV symbolizes the TBI
transmit timing (TT) with respect to the time from tTTX (K) going high (H) until the referenced data signals (D) reach the valid
state (V) or setup time. Also, tTTKHDX symbolizes the TBI transmit timing (TT) with respect to the time from tTTX (K) going high
(H) until the referenced data signals (D) reach the invalid state (X) or hold time. Note that, in general, the clock reference symbol
representation is based on three letters representing the clock of a particular functional. For example, the subscript of tTTX
represents the TBI (T) transmit (TX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R
(rise) or F (fall).
2. Data valid tTTKHDV to GTX_CLK Min Setup time is a function of clock period and max hold time. (Min Setup = Cycle time - Max
Hold)
RX_CLK
RXD[3:0]
tMRDXKL
tMRX
tMRXH
tMRXR
tMRXF
RX_DV
RX_ER
tMRDVKH
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com