Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
GPIO
Freescale Semiconductor
88
Figure 52 shows the AC timing diagram for the I2C bus.
Figure 52. I2C Bus AC Timing Diagram
2.18
GPIO
This section describes the DC and AC electrical specifications for the GPIO interface of the MPC8536E.
2.18.1
GPIO DC Electrical Characteristics
Table 65 provides the DC electrical characteristics for the GPIO interface.
Table 65. GPIO DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
– 0.3
0.8
V
Input current
(VIN
1 = 0 V or V
IN = VDD)
IIN
—±5
μA
High-level output voltage
(OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
Low-level output voltage
(OVDD = min, IOL = 2 mA)
VOL
—0.4
V
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Sr
S
SDA
SCL
tI2CF
tI2SXKL
tI2CL
tI2CH
tI2DXKL, tI2OVKL
tI2DVKH
tI2SXKL
tI2SVKH
tI2KHKL
tI2PVKH
tI2CR
tI2CF
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com