Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Pin Map
Freescale Semiconductor
14
TSEC3_TXD[7:0]
Transmit data
T12,V8,U8,V9,T8,T7,
T5,T6
OLVDD
5,9,22
TSEC3_TX_EN
Transmit Enable
V5
O
LVDD
23
TSEC3_TX_ER
Transmit Error
U9
O
LVDD
5,9
TSEC3_TX_CLK
Transmit clock In
U10
I
LVDD
—
TSEC3_GTX_CLK
Transmit clock Out
U5
O
LVDD
—
TSEC3_CRS
Carrier sense
T10
I/O
LVDD
17
TSEC3_COL
Collision detect
T9
I
LVDD
—
TSEC3_RXD[7:0]
Receive data
U12,U13,U6,V6,V1,U3,
U2,V3
ILVDD
—
TSEC3_RX_DV
Receive data valid
V2
I
LVDD
—
TSEC3_RX_ER
Receive data error
T4
I
LVDD
—
TSEC3_RX_CLK
Receive clock
U1
I
LVDD
—
IEEE 1588
TSEC_1588_CLK
Clock In
W9
I
LVDD
29
TSEC_1588_TRIG_IN[0:1]
Trigger In
W8,W7
I
LVDD
29
TSEC_1588_TRIG_OUT[0:1] Trigger Out
U11,W10
O
LVDD
5,9,29
TSEC_1588_CLK_OUT
Clock Out
V10
O
LVDD
5,9,29
TSEC_1588_PULSE_OUT1
Pulse Out1
V11
O
LVDD
5,9,29
TSEC_1588_PULSE_OUT2
Pulse Out2
T11
O
LVDD
5,9,29
eSDHC
SDHC_CMD
Command line
AH10
I/O
OVDD
29
SDHC_CD/GPIO[4]
Card detection
AH11
I
OVDD
—
SDHC_DAT[0:3]
Data line
AG12,AH12,AH13,
AG11
I/O
OVDD
29
SDHC_DAT[4:7] /
SPI_CS[0:3]
8-bit MMC Data line / SPI chip
select
AE8,AC10,AF9,AA10
I/O
OVDD
29
SDHC_CLK
SD/MMC/SDIO clock
AG13
I/O
OVDD
29
SDHC_WP/GPIO[5]
Card write protection
AG10
I
OVDD
1, 32
eSPI
SPI_MOSI
Master Out Slave In
AF8
I/O
OVDD
29
SPI_MISO
Master In Slave Out
AD9
I
OVDD
29
SPI_CLK
eSPI clock
AD8
I/O
OVDD
29
SPI_CS[0:3] /
SDHC_DAT[4:7]
eSPI chip select / SDHC 8-bit
MMC data
AE8,AC10,AF9,AA10
I/O
OVDD
29
Table 1. MPC8536E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com