Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
41
2.9.1
Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1000 Mbps) — FIFO/GMII/MII/TBI/RGMII/RTBI/RMII Electrical
Characteristics
The electrical characteristics specified here apply to all FIFO mode, gigabit media independent interface (GMII), media
independent interface (MII), ten-bit interface (TBI), reduced gigabit media independent interface (RGMII), reduced ten-bit
interface (RTBI), and reduced media independent interface (RMII) signals except management data input/output (MDIO) and
management data clock (MDC), and serial gigabit media independent interface (SGMII). The RGMII, RTBI and FIFO mode
interfaces are defined for 2.5 V, while the GMII, MII, RMII, and TBI interfaces can operate at 3.3V.
The GMII, MII, or TBI interface timing is compliant with IEEE 802.3. The RGMII and RTBI interfaces follow the Reduced
Gigabit Media-Independent Interface (RGMII) Specification Version 1.3 (12/10/2000). The RMII interface follows the RMII
Consortium RMII Specification Version 1.2 (3/20/1998).
The electrical characteristics for MDIO and MDC are specified in Section 2.10, “Ethernet Management Interface Electrical
Characteristics.”
The electrical characteristics for SGMII is specified in Section 2.9.3, “SGMII Interface Electrical Characteristics.” The SGMII
interface conforms (with exceptions) to the Serial-GMII Specification Version 1.8.
2.9.1.1
GMII, MII, TBI, RGMII, RMII and RTBI DC Electrical Characteristics
All GMII, MII, TBI, RGMII, RMII and RTBI drivers and receivers comply with the DC parametric attributes specified in
Table 24 and Table 25. The RGMII and RTBI signals are based on a 2.5-V CMOS interface voltage as defined by JEDEC
EIA/JESD8-5.
Table 24. GMII, MII, RMII, and TBI DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage 3.3 V
LVDD
TVDD
3.13
3.47
V
1, 2
1 LV
DD supports eTSECs 1.
2 TV
DD supports eTSECs 3.
Output high voltage
(LVDD/TVDD = Min, IOH = –4.0 mA)
VOH
2.40
LVDD/TVDD + 0.3
V
—
Output low voltage
(LVDD/TVDD = Min, IOL = 4.0 mA)
VOL
GND
0.50
V
—
Input high voltage
VIH
1.90
LVDD/TVDD + 0.3
V
—
Input low voltage
VIL
–0.3
0.90
V
—
Input high current
(VIN = LVDD, VIN = TVDD)
IIH
—40
μA
1, 2,3
3 The symbol V
IN, in this case, represents the LVIN and TVIN symbols referenced in Table 1 and Table 2.
Input low current
(VIN = GND)
IIL
–600
—
μA
3
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com