Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
47
Figure 19 shows the MII transmit AC timing diagram.
Figure 19. MII Transmit AC Timing Diagram
2.9.2.3.2
MII Receive AC Timing Specifications
Table 31 provides the MII receive AC timing specifications.
Figure 20 provides the AC test load for eTSEC.
Figure 20. eTSEC AC Test Load
Table 31. MII Receive AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
RX_CLK clock period 10 Mbps
tMRX
—400
—
ns
RX_CLK clock period 100 Mbps
tMRX
—40
—
ns
RX_CLK duty cycle
tMRXH/tMRX
35
—
65
%
RXD[3:0], RX_DV, RX_ER setup time to RX_CLK
tMRDVKH
10.0
—
—
ns
RXD[3:0], RX_DV, RX_ER hold time to RX_CLK
tMRDXKH
10.0
—
—
ns
RX_CLK clock rise (20%–80%)
tMRXR
1.0—
4.0ns
RX_CLK clock fall time (80%–20%)
tMRXF
1.0—
4.0ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMRDVKH symbolizes MII receive
timing (MR) with respect to the time data input signals (D) reach the valid state (V) relative to the tMRX clock reference (K) going
to the high (H) state or setup time. Also, tMRDXKL symbolizes MII receive timing (GR) with respect to the time data input signals
(D) went invalid (X) relative to the tMRX clock reference (K) going to the low (L) state or hold time. Note that, in general, the
clock reference symbol representation is based on three letters representing the clock of a particular functional. For example,
the subscript of tMRX represents the MII (M) receive (RX) clock. For rise and fall times, the latter convention is used with the
appropriate letter: R (rise) or F (fall).
TX_CLK
TXD[3:0]
tMTKHDX
tMTX
tMTXH
tMTXR
tMTXF
TX_EN
TX_ER
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com