Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 128 page
background image
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
57
Figure 29. 4-Wire AC-Coupled SGMII Serial Link Connection Example
Figure 30. SGMII Transmitter DC Measurement Circuit
Table 40. SGMII DC Receiver Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply Voltage
X2VDD
0.95
1.0
1.05
V
—
DC Input voltage range
—
N/A
—
1
Input differential voltage
LSTS = 0
VRX_DIFFp-p
100
—
1200
mV
2, 4
LSTS = 1
175
—
MPC8536E SGMII
SerDes Interface
50
Ω
50
Ω
Transmitter
SD2_TXn
SD_RXm
SD2_TXn
SD_RXm
Receiver
CTX
CTX
50
Ω
50
Ω
SD2_RXn
SD2_RXn
Receiver
Transmitter
SD_TXm
SD_TXm
CTX
CTX
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
Transmitter
SD2_TXn
SD2_TXn
50
Ω
Vos
VOD
MPC8536E SGMII
SerDes Interface
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com