Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
DDR2 and DDR3 SDRAM
Freescale Semiconductor
32
2.6
DDR2 and DDR3 SDRAM
This section describes the DC and AC electrical specifications for the DDR SDRAM interface of the MPC8536E. Note that
DDR2 SDRAM is GVDD(type) = 1.8 V and DDR3 SDRAM is GVDD(type) = 1.5 V.
2.6.1
DDR2 and DDR3 SDRAM DC Electrical Characteristics
Table 12 provides the recommended operating conditions for the DDR SDRAM component(s) of the MPC8536E when
interfacing to DDR2 SDRAM.
Table 13 provides the recommended operating conditions for the DDR SDRAM Controller of the MPC8536E when interfacing
to DDR3 SDRAM.
Table 12. DDR2 SDRAM DC Electrical Characteristics for GVDD(typ) = 1.8 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
GVDD
1.7
1.9
V
1
I/O reference voltage
MVREF
0.49
× GVDD
0.51
× GVDD
V2
I/O termination voltage
VTT
MVREF –0.04
MVREF + 0.04
V
3
Input high voltage
VIH
MVREF+0.125
GVDD +0.3
V
—
Input low voltage
VIL
–0.3
MVREF – 0.125
V
—
Output leakage current
IOZ
–50
50
μA4
Output high current (VOUT = 1.420 V)
IOH
–13.4
—
mA
—
Output low current (VOUT = 0.280 V)
IOL
13.4
—
mA
—
Notes:
1. GVDD is expected to be within 50 mV of the DRAM GVDD at all times.
2. MVREF is expected to be equal to 0.5 × GVDD, and to track GVDD DC variations as measured at the receiver.
Peak-to-peak noise on MVREF may not exceed ±2% of the DC value.
3. VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected to be
equal to MVREF. This rail should track variations in the DC level of MVREF.
4. Output leakage is measured with all outputs disabled, 0 V
≤ VOUT ≤ GVDD.
Table 13. DDR3 SDRAM Interface DC Electrical Characteristics for GVDD(typ) = 1.5 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
GVDD
1.425
1.575
V
1
I/O reference voltage
MVREFn
0.49
× GVDD
0.51
× GVDD
V2
Input high voltage
VIH
MVREFn + 0.100
GVDD
V—
Input low voltage
VIL
GND
MVREFn – 0.100
V
—
Output leakage current
IOZ
–50
50
μA3
Notes:
1. GVDD is expected to be within 50 mV of the DRAM GVDD at all times.
2. MVREFn is expected to be equal to 0.5 × GVDD, and to track GVDD DC variations as measured at the receiver.
Peak-to-peak noise on MVREFn may not exceed ±1% of the DC value.
3. Output leakage is measured with all outputs disabled, 0 V
≤ VOUT ≤ GVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com