Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
Pin Map
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
9
Table 1 provides the pin-out listing for the MPC8536E 783 FC-PBGA package.
Table 1. MPC8536E Pinout Listing
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes
PCI
PCI1_AD[31:0]
Muxed Address / data
AB15,Y17,AA17,AC15,
AB17,AC16,AA18,
AD17,AE17,AB18,
AB19,AE18,AC19,
AF18,AE19,AC20,
AF23,AE23,AC23,
AH24,AH23,AG24,
AE24,AG25,AD24,
AG27,AC24,AF25,
AG26,AF26,AE25,
AD26
I/O
OVDD
—
PCI1_C_BE[3:0]
Command/Byte Enable
AD18, AD20,AD22,
AH25
I/O
OVDD
29
PCI1_PAR
Parity
AC22
I/O
OVDD
29
PCI1_FRAME
Frame
AE20
I/O
OVDD
2,29
PCI1_TRDY
Target Ready
AF21
I/O
OVDD
2,29
PCI1_IRDY
Initiator Ready
AB20
I/O
OVDD
2,29
PCI1_STOP
Stop
AD21
I/O
OVDD
2,29
PCI1_DEVSEL
Device Select
AC21
I/O
OVDD
2,29
PCI1_IDSEL
Init Device Select
AE16
I
OVDD
29
PCI1_PERR
Parity Error
AB21
I/O
OVDD
2,29
PCI1_SERR
System Error
AF22
I/O
OVDD
2,4,29
PCI1_REQ[4:3]/GPIO[1:0]
Request
AE15,Y15
I
OVDD
—
PCI1_REQ[2:1]
Request
AF13,W16
I
OVDD
29
PCI1_REQ[0]
Request
AA16
I/O
OVDD
29
PCI1_GNT[4:3]/GPIO[3:2]
Grant
AC14, AA15
O
OVDD
PCI1_GNT[2:1]
Grant
AF14,Y16
O
OVDD
5,9,25,29
PCI1_GNT[0]
Grant
W18
I/O
OVDD
29
PCI1_CLK
PCI Clock
AH26
I
OVDD
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com