Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
I2C
Freescale Semiconductor
86
2.17.2
I2C AC Electrical Specifications
Table 64 provides the AC timing parameters for the I
2C interfaces.
Pulse width of spikes which must be suppressed by the input
filter
tI2KHKL
050
ns
2
Input current each I/O pin (input voltage is between 0.1
×
OVDD and 0.9 × OVDD(max)
II
–10
10
μA3
Capacitance for each I/O pin
CI
—10
pF
—
Notes:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. See the
MPC8536E PowerQUICC III Integrated Processor Reference Manual for information on the digital filter used.
3. I/O pins will obstruct the SDA and SCL lines if OVDD is switched off.
Table 64. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 63).
Parameter
Symbol 1
Min
Max
Unit
Notes
SCL clock frequency
fI2C
0
400
kHz
—
Low period of the SCL clock
tI2CL
1.3
—
μs—
High period of the SCL clock
tI2CH
0.6
—
μs—
Setup time for a repeated START condition
tI2SVKH
0.6
—
μs—
Hold time (repeated) START condition (after this period, the first
clock pulse is generated)
tI2SXKL
0.6
—
μs—
Data setup time
tI2DVKH
100
—
ns
—
Data hold time:
CBUS compatible masters
I2C bus devices
tI2DXKL
—
0
—
—
μs2
Data output delay time
tI2OVKL
—0.9
—
3
Set-up time for STOP condition
tI2PVKH
0.6
—
μs—
Rise time of both SDA and SCL signals
tI2CR
—
300
ns
4
Fall time of both SDA and SCL signals
tI2CF
—
300
ns
4
Table 63. I2C DC Electrical Characteristics (continued)
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com