Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
Power Characteristics
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
27
Maximum (A)
1250
500
500
1.0
1.0
105
/ 90
—
5.3/4.4
—
5.0/4.0
1, 3, 8
Thermal (W)
—
4.4/3.6
—
5.0/4.0
1, 4, 8
Typical (W)
65
2.2
1.7
1
Doze (W)
1.6
2.4
1.5
2.1
1
Nap (W)
0.8
1.6
1.5
2.1
1
Sleep (W)
0.8
1.6
1.1
1.7
1
Deep Sleep
(W)
35
0
0
0.6
1.2
1, 6
Maximum (A)
1333
533
667
1.0
1.0
105
/ 90
—
5.4/4.6
—
5.2/4.1
1, 3, 8
Thermal (W)
—
4.5/3.7
—
5.2/4.1
1, 4, 8
Typical (W)
65
2.3
1.8
—
1, 2
Doze (W)
1.7
2.5
1.6
2.1
1
Nap (W)
0.8
1.6
1.6
2.1
1
Sleep (W)
0.8
1.6
1.2
1.7
1
Deep Sleep
(W)
35
0
0
0.6
1.2
1, 6
Table 5. MPC8536E Power Dissipation (continued)5
Power Mode
Core
Frequen
cy
CCB
Frequen
cy
DDR
Frequen
cy
VDD
Platfor
m
VDD
Core 5
Junction
Tempera
ture
Core Power
Platform Power9
Notes
(MHz)
(MHz)
(MHz)
(V)
(V)
(
°C)
mean7
Max
mean7
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com