Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
Overall DC Electrical Characteristics
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
23
Pad power supply for SerDes transceivers and PCI Express
XVDD
1.0 ± 50 mV
V
—
DDR SDRAM
Controller I/O supply
voltage
DDR2 SDRAM Interface
GVDD
1.8 V ± 90 mV
V
3
DDR3 SDRAM Interface
1.5 V ± 75 mV
Three-speed Ethernet I/O voltage
LVDD
(eTSEC1)
3.3 V ± 165 mV
2.5 V ± 125 mV
V5
TVDD
(eTSEC3)
3.3 V ± 165 mV
2.5 V ± 125 mV
PCI, DUART, system control and power management, I2C, USB, eSDHC,
eSPI and JTAG I/O voltage
OVDD
3.3 V ± 165 mV
V
4
Local bus I/O voltage
BVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
1.8 V ± 90 mV
V—
Input voltage
DDR2 and DDR3 SDRAM Interface signals
MVIN
GND to GVDD
V3
DDR2 and DDR3 SDRAM Interface reference
MVREF
GVDD/2 ± 1%
V
—
Three-speed Ethernet signals
LVIN
TVIN
GND to LVDD
GND to TVDD
V5
Local bus signals
BVIN
GND to BVDD
V—
PCI, Local bus, DUART, SYSCLK, system control
and power management, I2C, and JTAG signals
OVIN
GND to OVDD
V4
Operating
Temperature range
Commercial
T
A
T
J
TA= 0 (min) to
TJ= 90(max)
°C6
Industrial
standard temperature range
Extended temperature range
T
A= 0 (min) to
T
J= 105 (max)
TA= -40 (min) to
TJ= 105 (max)
Notes:
1. VDD = 1.0 V for 600 to 1333 MHz, 1.1 V for 1500 MHz,
2. This voltage is the input to the filter discussed in Section 3.2.1, “PLL Power Supply Filtering,” and not necessarily the voltage
at the AVDD pin, which may be reduced from VDD by the filter.
3. Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
4. Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
5. Caution: L/TVIN must not exceed L/TVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
6. Minimum temperature is specified with TA; maximum temperature is specified with TJ.
Table 3. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended Value Unit Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com