Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 128 page
background image
I2C
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
87
Figure 51 provides the AC test load for the I
2C.
Figure 51. I2C AC Test Load
Bus free time between a STOP and START condition
tI2KHDX
1.3
—
μs—
Noise margin at the LOW level for each connected device
(including hysteresis)
VNL
0.1
× OVDD
—V
—
Noise margin at the HIGH level for each connected device
(including hysteresis)
VNH
0.2
× OVDD
—V
—
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tI2DVKH symbolizes I
2C timing
(I2) with respect to the time data input signals (D) reach the valid state (V) relative to the tI2C clock reference (K) going to the
high (H) state or setup time. Also, tI2SXKL symbolizes I
2C timing (I2) for the time that the data with respect to the start condition
(S) went invalid (X) relative to the tI2C clock reference (K) going to the low (L) state or hold time. Also, tI2PVKH symbolizes I
2C
timing (I2) for the time that the data with respect to the stop condition (P) reaching the valid state (V) relative to the tI2C clock
reference (K) going to the high (H) state or setup time. For rise and fall times, the latter convention is used with the appropriate
letter: R (rise) or F (fall).
2. As a transmitter, the MPC8536E provides a delay time of at least 300 ns for the SDA signal (referred to the Vihmin of the SCL
signal) to bridge the undefined region of the falling edge of SCL to avoid unintended generation of Start or Stop condition.
When the MPC8536E acts as the I2C bus master while transmitting, the MPC8536E drives both SCL and SDA. As long as the
load on SCL and SDA are balanced, the MPC8536E would not cause unintended generation of Start or Stop condition.
Therefore, the 300 ns SDA output delay time is not a concern. If, under some rare condition, the 300 ns SDA output delay time
is required for the MPC8536E as transmitter, the following setting is recommended for the FDR bit field of the I2CFDR register
to ensure both the desired I2C SCL clock frequency and SDA output delay time are achieved, assuming that the desired I2C
SCL clock frequency is 400 KHz and the Digital Filter Sampling Rate Register (I2CDFSRR) is programmed with its default
setting of 0x10 (decimal 16):
I2C Source Clock Frequency
333 MHz
266 MHz
200 MHz
133 MHz
FDR Bit Setting
0x2A
0x05
0x26
0x00
Actual FDR Divider Selected
896
704
512
384
Actual I2C SCL Frequency Generated
371 KHz
378 KHz
390 KHz
346 KHz
For details of the I2C frequency calculation, refer to
Determining the I2C Frequency Divider Ratio for SCL (AN2919). Note that
the I2C Source Clock Frequency is half of the CCB clock frequency for the MPC8536E.
3. The maximum tI2DVKH has only to be met if the device does not stretch the LOW period (tI2CL) of the SCL signal.
4. CB = capacitance of one bus line in pF.
Table 64. I2C AC Electrical Specifications (continued)
All values refer to VIH (min) and VIL (max) levels (see Table 63).
Parameter
Symbol 1
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com