Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536BVTATH Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTATH Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTATH Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8536BVTATH Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
Serial ATA (SATA)
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
83
Figure 50. Signal Rise and Fall Times and Differential Skew
2.16.3
Differential Receiver (RX) Input Characteristics
Table 61 provides the differential receiver (RX) input characteristics for the SATA interface.
Table 61. Differential Receiver (RX) Input Characteristics
Parameter
Symbol
Min
Typical
Max
Units
Notes
RX Differential Input
Voltage
1.5G
3.0G
VSATA_RXDIFF
240
240
400
—
600
750
mVp-p
1
RX rise/fall time
1.5G
3.0G
tSATA_20-80RX
100
67
—
—
273
136
ps
—
RX Differential skew
1.5G
3.0G
tSATA_RXSKEW
—
—
—
—
—
50
ps
—
RX Differential pair
impedance
1.5G
ZSATA_RXDIFFIM
85
—
115
ohm
—
RX Single-Ended
impedance
1.5G
ZSATA_RXSEIM
40
—
—
ohm
—
DC Coupled
Common Mode
Voltage
Vdc_cm
200
250
450
mV
5
Differential
data lines
20%
80%
20%
80%
tSATA_20-80TXrise
tSATA_20-80TXfall
tSAT_TXSKEW
TX+
TX-
TX+
TX-
EARLY (TX+ is early)
LATE (TX+ is late)
tSAT_TXSKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com